Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV23C Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAV23C
Description  Dual high-voltage switching diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAV23C Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAV23C Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
Dual high-voltage switching diodes, encapsulated in small Surface-Mounted
Device (SMD) plastic packages.
1.2 Features and benefits
1.3 Applications
 High-speed switching at high voltage
 High-voltage general-purpose switching
1.4 Quick reference data
[1]
When switched from IF = 10 mA to IR =10mA; RL = 100 ; measured at IR =1mA.
BAV23 series
Dual high-voltage switching diodes
Rev. 07 — 19 March 2010
Product data sheet
Table 1.
Product overview
Type number
Package
Configuration
N
experia
JEDEC
BAV23A
SOT23
TO-236AB
dual common anode
BAV23C
SOT23
TO-236AB
dual common cathode
BAV23S
SOT23
TO-236AB
dual series
BAV23
SOT143B
-
dual isolated
 High switching speed: trr  50 ns
 Low capacitance: Cd  2pF
 Low leakage current
 Small SMD plastic package
 Repetitive peak reverse voltage:
VRRM  250 V
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IR
reverse current
VR = 200 V
-
-
100
nA
VR
reverse voltage
-
-
200
V
trr
reverse recovery time
[1] --
50
ns


Similar Part No. - BAV23C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV23C DIODES-BAV23C Datasheet
172Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 7 - 2
BAV23C DIODES-BAV23C Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 11 - 2
logo
SeCoS Halbleitertechnol...
BAV23C SECOS-BAV23C Datasheet
393Kb / 2P
Plastic Encapsulated Schottky Diode
logo
NXP Semiconductors
BAV23C NXP-BAV23C Datasheet
306Kb / 13P
Dual high-voltage switching diodes
Rev. 07-19 March 2010
logo
Micro Commercial Compon...
BAV23C MCC-BAV23C Datasheet
223Kb / 3P
350mW Small Signal Diode
More results

Similar Description - BAV23C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV23 NXP-BAV23 Datasheet
306Kb / 13P
Dual high-voltage switching diodes
Rev. 07-19 March 2010
BAV23S-215 NXP-BAV23S-215 Datasheet
306Kb / 13P
Dual high-voltage switching diodes
Rev. 07-19 March 2010
BAV23 PHILIPS-BAV23_15 Datasheet
306Kb / 13P
Dual high-voltage switching diodes
Rev. 07-19 March 2010
logo
Nexperia B.V. All right...
BAV23A-Q NEXPERIA-BAV23A-Q Datasheet
208Kb / 10P
Dual high-voltage switching diodes
4 April 2022
BAV23S-Q NEXPERIA-BAV23S-Q Datasheet
206Kb / 10P
Dual high-voltage switching diodes
2 February 2022
BAV23 NEXPERIA-BAV23 Datasheet
678Kb / 9P
Dual high-voltage switching diodes
1 April 2023
BAV23A NEXPERIA-BAV23A Datasheet
665Kb / 9P
Dual high-voltage switching diodes
1 April 2023
BAV23C NEXPERIA-BAV23C Datasheet
665Kb / 9P
Dual high-voltage switching diodes
1 April 2023
BAV23S NEXPERIA-BAV23S Datasheet
665Kb / 9P
Dual high-voltage switching diodes
1 April 2023
logo
Comchip Technology
ABAV23A-HF COMCHIP-ABAV23A-HF Datasheet
547Kb / 4P
Dual High-Voltage Switching Diodes
REV:A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com