Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2201 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # C2201
Description  Feed through connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

C2201 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  C2201 Datasheet HTML 1Page - Eaton All Rights Reserved. C2201 Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com/electronics
© 2022 Eaton
All Rights Reserved
Printed in USA
Publication No. ELX1238 BU-ELX22100
October 2022
C220X
Feed through connector
Technical Data ELX1238
Effective October 2022
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used
in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Follow us on social media to get the
latest product and support information.
Specifications
Part number
Voltage rating*
(V)
Current rating
(A)
Stud size
Maximum torque
Nut size
Material
Color (Pantone #;
for reference only)
C2201
1000
200
5/16” - 18
UNC-2A
100 in-lb
5/16” - 18
UNC-2B
Thermoplastic/
Tin-plated Brass/
SUS304 Nut
Black (PQ-BLACKC)
C2202
1000
200
5/16” - 18
UNC-2A
100 in-lb
5/16” - 18
UNC-2B
Thermoplastic/
Tin-plated Brass/
SUS304 Nut
Red (PQ-187)
C2203
1000
250
3/8” - 16
UNC-2A
200 in-lb
3/8” - 16
UNC-2B
Thermoplastic/
Tin-plated Brass/
SUS304 Nut
Black (PQ-BLACKC)
C2204
1000
250
3/8” - 16
UNC-2A
200 in-lb
3/8” - 16
UNC-2B
Thermoplastic/
Tin-plated Brass/
SUS304 Nut
Red (PQ-187)
C220X-5-16-NUT
N/A
N/A
N/A
N/A
5/16” - 18
UNC-2B
SUS304 Nut
N/A
C220X-3-8-NUT
N/A
N/A
N/A
N/A
3/8” - 16
UNC-2B
SUS304 Nut
N/A
Dimensions- mm
*Self-certified voltage withstanding between terminal and body under 4000 V, 1 min, no breakdown
FG P/N
Dim H
(mm)
Dim D
(mm)
Dim S
(mm)
Thread size
C220X-5-16-NUT
6.80 ~ 7.19
16.76 ~ 17.28
12.42 ~ 12.70
5/16” - 18 UNC-2B
C220X-3-8-NUT
8.45 ~ 8.81
18.49 ~ 19.05
13.99 ~ 14.28
3/8” - 16 UNC-2B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com