Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1574B Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS1574B
Description  User Programmable Laser Engine Pixel Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1574B Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS1574B Datasheet HTML 1Page - Renesas Technology Corp ICS1574B Datasheet HTML 2Page - Renesas Technology Corp ICS1574B Datasheet HTML 3Page - Renesas Technology Corp ICS1574B Datasheet HTML 4Page - Renesas Technology Corp ICS1574B Datasheet HTML 5Page - Renesas Technology Corp ICS1574B Datasheet HTML 6Page - Renesas Technology Corp ICS1574B Datasheet HTML 7Page - Renesas Technology Corp ICS1574B Datasheet HTML 8Page - Renesas Technology Corp ICS1574B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ICS1574B
4
PLL Post-Scaler
A programmable post-scaler may be inserted between the
VCO and the PCLK divider of the ICS1574B. This is useful in
generating lower frequencies, as the VCO has been optimized
for high-frequency operation. The post-scaler is not affected
by the PCLKEN input.
The post-scaler allows the selection of:
• VCO frequency
• VCO frequency divided by 2
• VCO frequency divided by 4
• AUX-EN Test Mode
PLL Synthesizer Description —
Ratiometric Mode
The ICS1574B generates its output frequencies using phase-
locked loop techniques. The phase-locked loop (or PLL) is a
closed-loop feedback system that drives the output frequency
to be ratiometrically related to the reference frequency pro-
vided to the PLL (see Figure 1). The reference frequency is
generated by an on-chip crystal oscillator or the reference fre-
quency may be applied to the ICS1574B from an external
frequency source.
The phase-frequency detector shown in the block diagram
drives the voltage-controlled oscillator, or VCO, to a fre-
quency that will cause the two inputs to the phase-frequency
detector to be matched in frequency and phase. This occurs
when:
back divider makes use of a dual-modulus prescaler tech-
nique that allows the programmable counters to operate at
low speed without sacrificing resolution. This is an improve-
ment over conventional fixed prescaler architectures that
typically impose a factor-of-four (or larger) penalty in this re-
spect.
Table 1 permits the derivation of “A” & “M” converter pro-
gramming directly from desired modulus.
Digital Inputs
The programming of the ICS1574B is performed serially
by using the DATCLK, DATA, and HOLD pins to load an
internal shift register.
DATA is shifted into the register on the rising edge of
DATCLK. The logic value on the HOLD pin is latched at
the same time. When HOLD is low, the shift register may
be loaded without disturbing the operation of the
ICS1574B. When high, the shift register outputs are trans-
ferred to the control registers, and the new programming
information becomes active. Ordinarily, a high level
should be placed on the HOLD pin when the last data bit is
presented. See Figure 3 for the programming sequence.
The PCLKEN input polarity may be programmed under
register control via Bit 39.
F(VCO): =
F(XTAL1) • Feedback Divider
Reference Divider
Figure 3
This expression is exact; that is, the accuracy of the output
frequency depends solely on the reference frequency pro-
vided to the part (assuming correctly programmed dividers).
The VCO gain is programmable, permitting the ICS1574B to
be optimized for best performance at all operating frequen-
cies.
The reference divider may be programmed for any modulus
from 1 to 128 in steps of one.
The feedback divider may be programmed for any modulus
from 37 through 392 in steps of one. Any even modulus from
392 through 784 can also be achieved by setting the “double”
bit which doubles the feedback divider modulus. The feed-
Output Description
The PCLK output is a high-current CMOS type drive
whose frequency is controlled by a programmable divider
that may be selected for a modulus of 3, 4, 5, 6, 8, 10, 12,
16 or 20. It may also be suppressed under register control
via Bit 46.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com