| Electronic Components Datasheet Search |
|
ICS1893 Datasheet(PDF) 107 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893 Datasheet(HTML) 107 Page - Renesas Technology Corp |
|
107 / 153 page ![]() Chapter 9 Pin Diagram, Listings, and Descriptions ICS1893 Rev C 6/6/00 June, 2000 107 ICS1893 - Release Copyright © 2000, Integrated Circuit Systems, Inc. All rights reserved. P1CL 59 Input or Output PHY (Address Bit) 1 / Collision LED. For more information on this pin, see Section 6.8, “Status Interface”. • This multi-function configuration pin is: – An input pin during either a power-on reset or a hardware reset. In this case, this pin configures the ICS1893 when it is in either hardware mode or software mode. – An output pin following reset. In this case, this pin provides collision status for the ICS1893. As an input pin: • This pin, in combination with the 10/100SEL pin, selects the operating modes of the ICS1893 MAC/repeater Interfaces, either 10M MII, 100M MII, 10M Serial, or 100M Symbol. When the signal on this pin is logic: – Low, the ICS1893 configures its MAC/repeater Interface as a Media Independent Interface. – High, the ICS1893 configures its MAC/repeater Interface as a Stream Interface (that is, either a 10M Serial Interface or a 100M Symbol Interface). As an output pin: • When the signal on this pin is: – De-asserted, this state indicates the ICS1893 does not detect any collisions. – Asserted, this state indicates the ICS1893 detects collisions. • The ICS1893 asserts its Collision LED for a period of approximately 70 msec when it detects a collision. Caution: This pin must not float. (See the notes at Section 9.3.2, “Multi-Function (Multiplexed) Pins: PHY Address and LED Pins”.) Table 9-3. PHY Address and LED Pins Pin Name Pin Number Pin Type Pin Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |