| Electronic Components Datasheet Search |
|
ICS1893 Datasheet(PDF) 108 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893 Datasheet(HTML) 108 Page - Renesas Technology Corp |
|
108 / 153 page ![]() ICS1893 Rev C 6/6/00 June, 2000 108 Chapter 9 Pin Diagram, Listings, and Descriptions ICS1893 Data Sheet - Release Copyright © 2000, Integrated Circuit Systems, Inc. All rights reserved. P2LI 60 Input or Output PHY (Address Bit) 2 / Link Integrity LED. For more information on this pin, see Section 6.8, “Status Interface”. • This multi-function configuration pin is: – An input pin during either a power-on reset or a hardware reset. In this case, this pin configures the address of the ICS1893 when it is in either hardware mode or software mode. – An output pin following reset. In this case, this pin provides link status for the ICS1893. As an input pin: • This pins establishes the address for the ICS1893. When the signal on this pin is logic: – Low, that address bit is set to logic zero. – High, that address bit is set to logic one. As an output pin: • When the signal on this pin is: – De-asserted, this state indicates the ICS1893 does not have a link. – Asserted, this state indicates the ICS1893 has a valid link. Caution: This pin must not float. (See the notes at Section 9.3.2, “Multi-Function (Multiplexed) Pins: PHY Address and LED Pins”.) P3TD 62 Input or Output PHY (Address Bit) 3 / Transmit Data LED. For more information on this pin, see Section 6.8, “Status Interface”. • These multi-function configuration pins are: – Input pins during either a power-on reset or a hardware reset. In this case, these pins configure the address of the ICS1893 when it is in either hardware mode or software mode. – Output pins following reset. In this case, this pin provides link status for the ICS1893. As an input pin: • This pin establishes the address for the ICS1893. When the signal on one of these pins is logic: – Low, that address bit is set to logic zero. – High, that address bit is set to logic one. As an output pin: • When the signal on this pin is: – De-asserted, this state indicates the ICS1893 does not have a link. – Asserted, this state indicates the ICS1893 has a valid link. Caution: This pin must not float. (See the notes at Section 9.3.2, “Multi-Function (Multiplexed) Pins: PHY Address and LED Pins”.) Table 9-3. PHY Address and LED Pins Pin Name Pin Number Pin Type Pin Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |