| Electronic Components Datasheet Search |
|
ICS1893CKLF Datasheet(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893CKLF Datasheet(HTML) 9 Page - Renesas Technology Corp |
|
9 / 127 page ![]() Chapter 4 Operating Modes Overview ICS1893CF, Rev. K, 05/13/10 May, 2010 9 ICS1893CF Data Sheet Rev. J - Release Copyright © 2009, Integrated Device Technology, Inc. All rights reserved. Chapter 4 Operating Modes Overview The ICS1893CF operating modes are typically controlled from software. The ICS1893CF register bits are accessible through a standard MII (Media Independent Interface) Serial Management Port. The ICS1893CF is configured to support the MAC Interface as a 10M MII or a 100M MII. The protocol on the Medium Dependent Interface (MDI) can be configured to support either 10M or 100M operations in either half-duplex or full-duplex modes. The ICS1893CF is fully compliant with the ISO/IEC 8802-3 standard, as it pertains to both 10Base-T and 100Base-TX operations. The feature-rich ICS1893CF allows easy migration from 10-Mbps to 100-Mbps operations as well as from systems that require support of both 10M and 100M links. This chapter is an overview of the following ICS1893CF modes of operation: • Section 4.1, “Reset Operations” • Section 4.2, “Power-Down Operations” • Section 4.3, “Automatic Power-Saving Operations” • Section 4.4, “Auto-Negotiation Operations” • Section 4.5, “100Base-TX Operations” • Section 4.6, “10Base-T Operations” • Section 4.7, “Half-Duplex and Full-Duplex Operations” • Section 4.8, “Auto-MDI/MDIX Crossover” |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |