Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS3771-18 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS3771-18
Description  DTV, STB CLOCK SOURCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS3771-18 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS3771-18 Datasheet HTML 1Page - Renesas Technology Corp ICS3771-18 Datasheet HTML 2Page - Renesas Technology Corp ICS3771-18 Datasheet HTML 3Page - Renesas Technology Corp ICS3771-18 Datasheet HTML 4Page - Renesas Technology Corp ICS3771-18 Datasheet HTML 5Page - Renesas Technology Corp ICS3771-18 Datasheet HTML 6Page - Renesas Technology Corp ICS3771-18 Datasheet HTML 7Page - Renesas Technology Corp ICS3771-18 Datasheet HTML 8Page - Renesas Technology Corp ICS3771-18 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICS3771-18
DTV, STB CLOCK SOURCE
SYNTHESIZERS
IDT™ / ICS™ DTV, STB CLOCK SOURCE
2
ICS3771-18
REV B 111307
Pin Assignment
16-pin TSSOP
Output Clock Selection Table (MHz)
*OFF = output is driven HIGH.
Pin Descriptions
12
1
11
2
10
CLKIN
NC
3
9
VDD
4
AVDD
OE
5
NC
6
FS1
7
GNDA
8
GND
GND
CLK1
VDDL
REFOUT2
FS0
REFOUT1
CLK2
16
15
14
13
OE FS1 FS0
CLK1/CLK2
REFOUT1/REFOUT2
000
OFF*
27
001
OFF*
27
010
OFF*
27
011
OFF*
27
1
0
0
27
27
1
0
1
27.027
27
1
1
0
74.250
27
1
1
1
74.17582418
27
Pin
Numbe
r
Pin
Name
Pin
Type
Pin Description
1
CLKIN
Input
Reference clock input. Connect to a 27 MHz external clock.
2
VDD
Power
Power supply.
3
AVDD
Power
Power supply. Connect to 3.3 V.
4
NC
–
No connect. Leave floating.
5
GNDA
Power
Analog ground.
6
GND
Power
Connect to ground.
7
REFOUT
Output
Reference Clock output 2. See table above.
8
REFOUT
Output
Reference Clock output 1. See table above.
9
CLK2
Output
Selectable Clock output 2. See table above.
10
FS0
Input
Frequency select pin 0. Weak internal pull-up. See table above.
11
VDDL
Power
Power supply. Connect to 3.3 V.
12
CLK1
Output
Selectable Clock output 1. See table above
13
GND
Power
Connect to ground.
14
FS1
Input
Frequency select pin 1. Weak internal pull-up. See table above.
15
OE
Output
Output Enable pin. Weak internal pull-up. See table above.
16
NC
–
No connect. Leave floating.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com