Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8432-101 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICS8432-101
Description  700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8432-101 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICS8432-101 Datasheet HTML 12Page - Renesas Technology Corp ICS8432-101 Datasheet HTML 13Page - Renesas Technology Corp ICS8432-101 Datasheet HTML 14Page - Renesas Technology Corp ICS8432-101 Datasheet HTML 15Page - Renesas Technology Corp ICS8432-101 Datasheet HTML 16Page - Renesas Technology Corp ICS8432-101 Datasheet HTML 17Page - Renesas Technology Corp ICS8432-101 Datasheet HTML 18Page - Renesas Technology Corp ICS8432-101 Datasheet HTML 19Page - Renesas Technology Corp ICS8432-101 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
IDT™ / ICS™ 700MHZ, 3.3V LVPECL FREQUENCY SYNTHESIZER
16
ICS8432DY-101 REV. C APRIL 10, 2007
ICS8432-101
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS8432-101 is: 3712
TABLE 10.
θ
JA
VS
. AIR FLOW TABLE FOR 32 LEAD LQFP
θθθθθ
JA
by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
67.8°C/W
55.9°C/W
50.1°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com