Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8516I Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS8516I
Description  Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8516I Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS8516I Datasheet HTML 8Page - Renesas Technology Corp ICS8516I Datasheet HTML 9Page - Renesas Technology Corp ICS8516I Datasheet HTML 10Page - Renesas Technology Corp ICS8516I Datasheet HTML 11Page - Renesas Technology Corp ICS8516I Datasheet HTML 12Page - Renesas Technology Corp ICS8516I Datasheet HTML 13Page - Renesas Technology Corp ICS8516I Datasheet HTML 14Page - Renesas Technology Corp ICS8516I Datasheet HTML 15Page - Renesas Technology Corp ICS8516I Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ICS8516I REVISION B SEPTEMBER 10, 2009
12
©2009 Integrated Device Technology, Inc.
ICS8516I Data Sheet
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
LVDS DRIVER TERMINATION
A general LVDS interface is shown in
Figure 4. In a 100
Ω
differential transmission line environment, LVDS drivers require
a matched load termination of 100
Ω across near the receiver
input. For a multiple LVDS outputs buffer, if only partial outputs
are used, it is recommended to terminate the unused outputs.
FIGURE 4. TYPICAL LVDS DRIVER TERMINATION
3.3V
R1
100
Zo = 50 Ohm
LVDS_Driver
HiPerClockS
CLK
nCLK
Zo = 50 Ohm
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com