Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD Datasheet(PDF) 1 Page - E-SWITCH

Part # KAD
Description  DIP SWITCHES - HALF PITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

KAD Datasheet(HTML) 1 Page - E-SWITCH

  KAD Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES KAD SWITCHES
www.e-switch.com
email: info@e-switch.com
7153 NORTHLAND DRIVE NORTH
PHONE: 800-867-2717
MINNEAPOLIS, MN 55428
FAX: 763-531-8235
DIP SWITCHES - HALF PITCH
FEATURES & BENEFITS
Available in SMT, low profile
Tape & reel or tube packaging
Up to 12 positions
APPLICATIONS / MARKETS
Garage door openers
Test & instrumentation
Telecommunications
Controller applications
SPECIFICATIONS
HOW TO ORDER:
MATERIALS
Switch Function:
2, 4, 6, 8, 10 & 12 positions
Ratings:
Switch: 25mA @ 24VDC; Carry: 100mA @ 50VDC
Contact Resistance:
initial: 50mW max; after life: 100mW max
Dielectric Strength:
300VAC for 60 seconds
Operating Temp:
-30ºC to +85ºC
Cover / Base:
PPS UL94 V0, black finish
Actuator:
Nylon UL94 V0, white finish
TERMINATION
ACTUATOR
NO. OF
POSITIONS
SERIES
KAD
PACKAGING
TERMINAL
FINISH
S = low profile w/o
tape seal
T = low profile
with tape seal
G = Gull Wing
G = Gold
T = Std. Tube
R = Tape & Reel
Insulation Resistance: 100MW (Min @ 100VDC for 60 seconds)
Mechanical Life:
1,000 make-and-break cycles, each circuit
Contacts (gold finish): Movable: copper alloy; terminal: brass
Packaging: Switches are supplied in standard IC tubes, or tape and reel, with all
poles in the “OFF” position.
02 = 2
04 = 4
06 = 6
08 = 8
10 = 10
12 = 12
Specifications subject to change without notice.
Operating Force:
500gf max
Resistance to Soldering: +270ºC +/- +5ºC for 10 seconds


Similar Part No. - KAD

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KAD E-SWITCH-KAD Datasheet
919Kb / 4P
KAD Series DIP Switch
logo
Samsung semiconductor
KAD0228BD SAMSUNG-KAD0228BD Datasheet
188Kb / 12P
8-BIT 30 MSPS CMOS A/D CONVERTER
logo
E-SWITCH
KAD04LGGR E-SWITCH-KAD04LGGR Datasheet
919Kb / 4P
KAD Series DIP Switch
KAD04LGGT E-SWITCH-KAD04LGGT Datasheet
919Kb / 4P
KAD Series DIP Switch
KAD04LHGR E-SWITCH-KAD04LHGR Datasheet
919Kb / 4P
KAD Series DIP Switch
More results

Similar Description - KAD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA10H0SK1R ETC1-TDA10H0SK1R Datasheet
44Kb / 1P
Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
ITT Industries
TDA02H0SB1 ITT-TDA02H0SB1 Datasheet
126Kb / 1P
Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
GREATECS
DX48 GREATECS-DX48 Datasheet
182Kb / 5P
SMT Half Pitch Type DIP Switches
DX48H GREATECS-DX48H Datasheet
182Kb / 5P
SMT Half Pitch Type Halogen-Free DIP Switches
logo
C&K Components
TDA CK-COMPONENTS-TDA Datasheet
142Kb / 2P
Ultra-miniature Surface Mount Half-pitch DIP Switches
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
Half-pitch Side-Actuated DIP Switches
logo
E-SWITCH
KAN E-SWITCH-KAN Datasheet
818Kb / 2P
HALF-PITCH LOW PROFILE DIP SWITCHES
logo
Grayhill, Inc
97C06SR GRAYHILL-97C06SR Datasheet
47Kb / 1P
Half Pitch DIP Switches
97C08ST GRAYHILL-97C08ST Datasheet
110Kb / 1P
Half Pitch DIP Switches
logo
C&K Components
TDA CK-COMPONENTS-TDA_V01 Datasheet
242Kb / 3P
Ultra-miniature Surface Mount Half-pitch DIP Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com