Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1JDF-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SF1JDF-13
Description  1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SF1JDF-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  SF1JDF-13 Datasheet HTML 1Page - Diodes Incorporated SF1JDF-13 Datasheet HTML 2Page - Diodes Incorporated SF1JDF-13 Datasheet HTML 3Page - Diodes Incorporated SF1JDF-13 Datasheet HTML 4Page - Diodes Incorporated SF1JDF-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SF1DDF-SF1JDF
VF,
VR,
VR,
f = 1MHz
SF1DDF-SF1JDF
Document number: DS39431 Rev. 2 - 2
3 of 5
www.diodes.com
November 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com