Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTP600_E2 Datasheet(PDF) 1 Page - Innovative Sensor Technology

Part # DTP600_E2
Description  Platinum sensor with wires For high temperatures
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IST [Innovative Sensor Technology]
Direct Link  https://www.ist-ag.com/en
Logo IST - Innovative Sensor Technology

DTP600_E2 Datasheet(HTML) 1 Page - Innovative Sensor Technology

  DTP600_E2 Datasheet HTML 1Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 2Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 3Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 4Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 5Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 6Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 7Page - Innovative Sensor Technology DTP600_E2 Datasheet HTML 8Page - Innovative Sensor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Benefits & Characteristics
Excellent long-term stability
Vibration and temperature shock resistant
Low self-heating
Paired sensors available
Fast response time
1/5 IEC and 1/10 IEC available
Small dimensions
Customer-specific sensor available upon request
Illustration1)
Dimension tolerances:
W ±0.2 mm, L ±0.2 mm, H ±0.1 mm, H2 ±0.3 mm,
L
W (up to 30 mm) ±1 mm
1) For actual size, see dimensions
Technical Data
Operating temperature range:
-200 °C to +600 °C
Nominal resistance:*
100 Ω at 0 °C
500 Ω at 0 °C
1000 Ω at 0 °C
2000 Ω at 0 °C
Characteristics curve:*
3850 ppm/K
Long-term stability:
< 0.04 % at 1000 h at maximal operating temperature
Tolerance class (dependent on temperature range):*
IST AG reference
IEC 60751 F0.15
A
IEC 60751 F0.3
B
IEC 60751 F0.6
C
IEC 60751 F0.1
Y
Connection:*
Pt-cladded Ni-wire, Ø 0.2 mm (solderable, weldable,
crimpable, brazeable)
600 °C Series
Platinum sensor with wires
For high temperatures
DTP600_E2.3.2 | Temperature Platinum | 600°C Series
1/8


Similar Part No. - DTP600_E2

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
DTP6060 DOINGTER-DTP6060 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - DTP600_E2

ManufacturerPart #DatasheetDescription
logo
Innovative Sensor Techn...
P0K1.161.6W.Y.010 IST-P0K1.161.6W.Y.010 Datasheet
364Kb / 2P
Platinum sensor with wires For high temperatures
P0K1.232.6W.B.010 IST-P0K1.232.6W.B.010 Datasheet
369Kb / 2P
Platinum sensor with wires For high temperatures
P0K1.232.6W.Y.010 IST-P0K1.232.6W.Y.010 Datasheet
368Kb / 2P
Platinum sensor with wires For high temperatures
P0K1.520.6W.A.010 IST-P0K1.520.6W.A.010 Datasheet
378Kb / 2P
Platinum sensor with wires For high temperatures
P0K1.520.6W.B.010 IST-P0K1.520.6W.B.010 Datasheet
377Kb / 2P
Platinum sensor with wires For high temperatures
P1K0.161.6W.A.010 IST-P1K0.161.6W.A.010 Datasheet
364Kb / 2P
Platinum sensor with wires For high temperatures
P1K0.161.6W.B.010 IST-P1K0.161.6W.B.010 Datasheet
364Kb / 2P
Platinum sensor with wires For high temperatures
P1K0.161.6W.Y.010 IST-P1K0.161.6W.Y.010 Datasheet
364Kb / 2P
Platinum sensor with wires For high temperatures
P1K0.232.6W.A.010 IST-P1K0.232.6W.A.010 Datasheet
368Kb / 2P
Platinum sensor with wires For high temperatures
P1K0.520.6W.A.010 IST-P1K0.520.6W.A.010 Datasheet
377Kb / 2P
Platinum sensor with wires For high temperatures
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com