Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100732 Datasheet(PDF) 1 Page - Innovative Sensor Technology

Part # 100732
Description  Platinum sensor with wires on thin substrate For high temperatures
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IST [Innovative Sensor Technology]
Direct Link  https://www.ist-ag.com/en
Logo IST - Innovative Sensor Technology

100732 Datasheet(HTML) 1 Page - Innovative Sensor Technology

  100732 Datasheet HTML 1Page - Innovative Sensor Technology 100732 Datasheet HTML 2Page - Innovative Sensor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P10K.520.6W.B.010.D
1/2
P10K.520.6W.B.010.D
Platinum sensor with wires on thin substrate
For high temperatures
Benefits & Characteristics
▪
Excellent long-term stability
▪
Vibration and temperature shock resistant
▪
Low self-heating
▪
Optimal for low power applications
▪
Fast response time
Illustration1)
Technical Data
Operating temperature range:
-200 °C to +600 °C
Nominal resistance:
10‘000 Ω at 0 °C
Characteristics curve:
3850 ppm/K
Long-term stability:
< 0.04 % at 1000 h at maximal operating temperature
Tolerance class (dependent on temperature range):
IEC 60751 F0.3
B (IST AG reference)
Connection:
Pt/Ni-wire, Ø 0.2 mm, 10 mm long
Dimensions:
4.9 x 1.8 x 0.4/0.8
Tolerance (chip):
L ±0.2 mm, W ±0.2 mm, H ±0.1 mm, H2 ±0.3 mm
Special:
On thin substrate (0.38 mm)
Product Photo


Similar Part No. - 100732

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1007329 PHOENIX-1007329 Datasheet
53Kb / 2P
Marker cards - SBS 6: 1- 500
More results

Similar Description - 100732

ManufacturerPart #DatasheetDescription
logo
Innovative Sensor Techn...
P0K1.161.6W.Y.010 IST-P0K1.161.6W.Y.010 Datasheet
364Kb / 2P
Platinum sensor with wires For high temperatures
P0K1.232.6W.B.010 IST-P0K1.232.6W.B.010 Datasheet
369Kb / 2P
Platinum sensor with wires For high temperatures
P0K1.232.6W.Y.010 IST-P0K1.232.6W.Y.010 Datasheet
368Kb / 2P
Platinum sensor with wires For high temperatures
P0K1.520.6W.A.010 IST-P0K1.520.6W.A.010 Datasheet
378Kb / 2P
Platinum sensor with wires For high temperatures
P0K1.520.6W.B.010 IST-P0K1.520.6W.B.010 Datasheet
377Kb / 2P
Platinum sensor with wires For high temperatures
P1K0.161.6W.A.010 IST-P1K0.161.6W.A.010 Datasheet
364Kb / 2P
Platinum sensor with wires For high temperatures
P1K0.161.6W.B.010 IST-P1K0.161.6W.B.010 Datasheet
364Kb / 2P
Platinum sensor with wires For high temperatures
P1K0.161.6W.Y.010 IST-P1K0.161.6W.Y.010 Datasheet
364Kb / 2P
Platinum sensor with wires For high temperatures
P1K0.232.6W.A.010 IST-P1K0.232.6W.A.010 Datasheet
368Kb / 2P
Platinum sensor with wires For high temperatures
P1K0.520.6W.A.010 IST-P1K0.520.6W.A.010 Datasheet
377Kb / 2P
Platinum sensor with wires For high temperatures
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com