Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D5295 Datasheet(PDF) 1 Page - G.M. International

Part # D5295
Description  SIL3 Relay Out Module for 5 A NE/ND Loads with LFD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International

D5295 Datasheet(HTML) 1 Page - G.M. International

  D5295 Datasheet HTML 1Page - G.M. International D5295 Datasheet HTML 2Page - G.M. International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.gminternational.com
D5295
SIL3 Relay Out Module for 5 A NE/ND Loads with LFD
Safety Relays
ORDERING INFORMATION
Ordering codes
D5295S: 1 channel
Accessories
Bus Connector JDFT050, Bus Mounting Kit OPT5096.
Programmable USB serial line Kit PPC5092 + SWC5090.
TECHNICAL DATA
SIL 3 / SC 3 for NE/ND loads with ND/NE driver
SIL 2 / SC 3 for FAULT OUTPUTS
Installation in Zone 2
Up to 5 A functional / 6 A inrush current
Load disconnection on both supply lines available
High process availability to avoid spurious trips
Compatible with DCS/PLC pulse testing
Line & Load short/open circuit detection
Load voltage monitoring
Earth leakage monitoring
Internal coil integrity monitoring
Field fault mirroring to the PLC DO
Modbus RTU RS-485 for monitor & configuration
Service contact available
Input/Output/Supply isolation
The D5295 is a relay module suitable for switching safety related
circuits, up to SIL 3 level, for high risk industries. It provides isolation
between input and output contacts. It makes available 2+2 NC relay
contacts connected in parallel and then in series to avoid spurious
trip and to increase process availability. High process availability SIL
3 Safety Function for both Normally Energized (NE) and Normally
De-energized (ND) / F&G loads is available. Load can be isolated
from supply on both polarities. A wide compatibility towards different
DCS/PLC is guaranteed: driving pulse testing is permitted by a
dedicated internal circuit, which prevents contact and LED flickering.
Line and load short/open circuit detection and load voltage
monitoring are provided, both when the load is off and when the load
is on. The fault in the field is directly mirrored to the PLC DO and it is
also reported by opening the fault output. Diagnostic parameters are
programmable and can also be monitored/configured through
Modbus.
FEATURES
Supply
24 Vdc nom (18 to 30 Vdc), reverse polarity protected.
Current consumption: 45 mA @ 24 V (no fault), typical.
Power dissipation: 1.1 W @ 24 V (no fault), typical.
Input
24 Vdc nom (21.6 to 27.6 Vdc), reverse polarity protected. Relay coils are
internally protected with suppressor diodes.
Current consumption: 40 mA @ 24 Vdc (no fault), typical.
Power dissipation: 1.0 W @ 24 Vdc (no fault), typical.
Output
Voltage free 2+2 SPST relay contact (2 paralleled contacts in series) at
terminals 13-15 and 14-16, open when relay energized, close in de-
energized condition.
Contact material: Ag Alloy (Cd free), gold plated.
Contact rating: 5 A 250 Vac 1250 VA, 5 A 250 Vdc 140 W (resistive load).
Contact min. switching current: 1 mA.
Contact inrush current: 6 A @ 24 Vdc, 250 Vac.
DC and AC load breaking capacity: refer to Instruction Manual.
Contact current derating: refer to Instruction Manual.
Mechanical / electrical life: 5 * 10⁶ / 3 * 10⁴ operation, typical.
Operate / release time: 30 ms / 30 ms, typical.
Fault
Load & line short/open circuit, supply voltage and earth leakage monitor.
Diagnostics equivalent source: when the load is off, the diagnostic circuit
forces a sensing signal: 5.5 V open circuit, 10 mA short circuit, typical.
Line + load resistance: programmable up to 50 kΩ.
Load current: programmable up to 5 A.
Load supply voltage: programmable up to 250 Vdc/Vac.
Load earth leakage: programmable up to 3 MΩ.
Fault signalling: voltage free DPST contact.
Fault 1 rating: 0.5 A 30 Vac 15 VA, 0.5 A 50 Vdc 25 W (resistive load).
Fault 2 rating: 3 A 250 Vac 750 VA, 3 A 125 Vdc 120 W (resistive load).
Response time: 4 s, typical.
Modbus interface
Modbus RTU RS-485 up to 115.2 kbps for monitor/configuration/control.
Isolation
Output/Input 2.5 kV; Output/Supply 2.5 kV; Output/Fault Outputs 2.5 kV;
Output/RS485 Modbus 2.5 kV; Input/Supply 500 V; Input/Fault Output 1
500 V; Input/Fault Output 2 2.5 kV; Input/RS485 Modbus 500 V;
Supply/Fault Output 1 500 V; Supply/Fault Output 2 2.5 kV; Supply/RS485
Modbus 500 V.
Environmental conditions
Operating temperature: temperature limits –40 to +70 °C.
Storage temperature: temperature limits -45 to +80 °C.
Mounting
DIN-Rail 35 mm, with or without Power Bus or on custom Term. Board.
Weight: about 235 g.
Connection: by polarized plug-in disconnect screw terminal blocks to
accommodate terminations up to 2.5 mm² (13 AWG).
Dimensions: Width 22.5 mm, Depth 123 mm, Height 120 mm.
OVERALL DIMENSIONS
Functional Safety Management Certification:
GM International is certified to conform to IEC61508:2010 part 1 clauses 5-6 for safety related systems up to and included SIL3. In addition, GM International products have been granted I.S.
certificates from the most credited Notified Bodies in the world.
Data specified in this document are merely descriptive of the products and should be integrated with relevant technical specifications. Our products are in constant development and the information
presented herein refers to the time of document issue. No statements concerning a certain condition or suitability for a certain application can be derived from our information. The information given does not
release the user from the obligation of own judgment and verification. Terms & Conditions can be found at our website. For more information refer to istruction manual.
DTS0423-13
© G.M. International s.r.l.
Page 1/2


Similar Part No. - D5295

ManufacturerPart #DatasheetDescription
logo
G.M. International
D5290 GMI-D5290 Datasheet
134Kb / 2P
SIL3 Relay Out Module for 10 A NE Loads
logo
Nell Semiconductor Co.,...
D5290E NELLSEMI-D5290E Datasheet
227Kb / 5P
High voltage ratings up to 3000V
logo
G.M. International
D5290S GMI-D5290S Datasheet
134Kb / 2P
SIL3 Relay Out Module for 10 A NE Loads
D5291 GMI-D5291 Datasheet
148Kb / 2P
SIL3 Relay Out Module for 10 A ND Loads
D5291S GMI-D5291S Datasheet
148Kb / 2P
SIL3 Relay Out Module for 10 A ND Loads
More results

Similar Description - D5295

ManufacturerPart #DatasheetDescription
logo
G.M. International
D5090 GMI-D5090 Datasheet
132Kb / 2P
SIL3 Relay Out Module for 5 A NE Loads
D5091 GMI-D5091 Datasheet
147Kb / 2P
SIL3 Relay Out Module for 5 A ND Loads
D5094 GMI-D5094 Datasheet
130Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads
D5095 GMI-D5095 Datasheet
130Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads
D5096 GMI-D5096 Datasheet
140Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads with LFD
D5097 GMI-D5097 Datasheet
140Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads with LFD
D5098 GMI-D5098 Datasheet
158Kb / 2P
SIL3 Relay Out Module for 5 A NE Loads
D5291 GMI-D5291 Datasheet
148Kb / 2P
SIL3 Relay Out Module for 10 A ND Loads
D5293 GMI-D5293 Datasheet
151Kb / 2P
SIL3 Relay Out Module for 5 A NE Loads with LFD
D5294 GMI-D5294 Datasheet
153Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads with LFD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com