Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARM-MBWHA621 Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # ARM-MBWHA621
Description  10.1" Healthcare/Hospitality Information Terminal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARM-MBWHA621 Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  ARM-MBWHA621 Datasheet HTML 1Page - Advantech Co., Ltd. ARM-MBWHA621 Datasheet HTML 2Page - Advantech Co., Ltd. ARM-MBWHA621 Datasheet HTML 3Page - Advantech Co., Ltd. ARM-MBWHA621 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Healthcare Information Terminals
HIT-W101L
Accessories
Part Number
Description
HIT-W101-HSKE
Optional hand set kit for HIT-W101
Ordering Information
Part Number
CPU
Display/ Touch
Memory
HIT-W101LP-ATW1E
QC 1GHz
10.1" TFT 1280 x 800, P-CAP Multi-Touch w/ITE Adapter, w/CAM, w/Android 5.1
2GB
Peripherals for HIT-W101L Series
Part Number
Description
TBSD-WS1502
Table Stands
TBSD-WS1510
TBSD-WS1702
TBSD-WS2710
MNT-MMWB8615
ARMs & Mounting
MNT-MTWHM03
ARM-MBWHA306
ARM-MBWHA506
ARM-MBWHA621
KBD-MCWU1020
Keyboards/Mouses/Scanners
KBD-MCWU1010
MOU-MCWU1001
SCN-MCWIG829



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com