Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7204L50LG Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 7204L50LG
Description  CMOS ASYNCHRONOUS FIFO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7204L50LG Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 7204L50LG Datasheet HTML 7Page - Renesas Technology Corp 7204L50LG Datasheet HTML 8Page - Renesas Technology Corp 7204L50LG Datasheet HTML 9Page - Renesas Technology Corp 7204L50LG Datasheet HTML 10Page - Renesas Technology Corp 7204L50LG Datasheet HTML 11Page - Renesas Technology Corp 7204L50LG Datasheet HTML 12Page - Renesas Technology Corp 7204L50LG Datasheet HTML 13Page - Renesas Technology Corp 7204L50LG Datasheet HTML 14Page - Renesas Technology Corp 7204L50LG Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
408-360-1753
San Jose, CA 95138
fax: 408-284-2775
email:FIFOhelp@idt.com
www.idt.com
ORDERING INFORMATION
NOTES:
1. Industrial temperature range product for 15ns and 25ns speed grades are available as a standard device for IDT7203/7204/7205, and 25ns speed grade only is available
as a standard device for IDT7206/7207/7208. All other speed grades are available by special order.
2. The LCC is only available in the military temperature range.
3. The IDT7208 is only available in commercial speed grades of 20, 25 and 35 ns.
4. Green parts are available. For specific speeds and packages contact your local sales office.
LEAD FINISH (SnPb) parts are in EOL process. Product Discontinuation Notice - PDN# SP-17-02
5. For "P", Plastic Dip, when ordering green package, the suffix is "PDG".
X
Power
XX
Speed
X
Package
X
Process/
Temperature
Range
Blank
Commercial (0
°C to +70°C)
I(1)
B
Industrial (
−40° to +85°C)
Military (
−55°C to +125°C)
Compliant to MIL-STD-883, Class B
P(5)
TP
D
TD
J
L(2)
SO
Plastic DIP
P28-1
Plastic Thin DIP
P28-2
(all except 7207/7208)
CERDIP
D28-1
(all except 7208)
Thin CERDIP
D28-3
(only for 7203/7204/7205)
Plastic Leaded Chip Carrier
PLCC J32-1
Leadless Chip Carrier
LCC
L32-1
(all except 7208)
Small Outline IC
SOIC
SO28-3
(only 7204)
12
15
20(3)
25(3)
30
35(3)
40
50
Commercial 7203/04/05 Only
Commercial and (Industrial only 7203/04/05)
Commercial and Military
Commercial and Industrial
Military Only
Commercial Only
Military 7203 Only
Commercial Only
XXXX
Device Type
7203
⎯
7204
⎯
7205
⎯
7206
⎯
7207
⎯
7208(3)
L
Low Power
Access Time (tA)
Speed in
Nanoseconds
2661 drw21
2,048 x9 FIFO
4,096 x 9 FIFO
8,192 x 9 FIFO
16,384 x 9 FIFO
32,768 x 9 FIFO
65,536 x 9 FIFO
X
G
Green
(4)
X
Blank
8
Tube or Tray
Tape and Reel
DATA SHEET HISTORY
05/10/2001
pgs. 2, 3, 4, 5, 11 and 14.
05/30/2001
pg. 2.
04/03/2006
pgs. 1 and 14.
10/22/2008
pg. 14.
04/22/2010
pgs. 3, 4 and 14.
06/29/2012
pgs. 1 and 14.
11/27/2017
Product Discontinuation Notice - PDN# SP-17-02
Last time buy expires June 15, 2018.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com