Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFT92W Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFT92W
Description  PNP 4 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFT92W Datasheet(HTML) 2 Page - NXP Semiconductors

  BFT92W Datasheet HTML 1Page - NXP Semiconductors BFT92W Datasheet HTML 2Page - NXP Semiconductors BFT92W Datasheet HTML 3Page - NXP Semiconductors BFT92W Datasheet HTML 4Page - NXP Semiconductors BFT92W Datasheet HTML 5Page - NXP Semiconductors BFT92W Datasheet HTML 6Page - NXP Semiconductors BFT92W Datasheet HTML 7Page - NXP Semiconductors BFT92W Datasheet HTML 8Page - NXP Semiconductors BFT92W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
May 1994
2
Philips Semiconductors
Product specification
PNP 4 GHz wideband transistor
BFT92W
FEATURES
• High power gain
• Gold metallization ensures
excellent reliability
• SOT323 (S-mini) package.
APPLICATION
It is intended as a general purpose
transistor for wideband applications
up to 2 GHz.
DESCRIPTION
Silicon PNP transistor in a plastic,
SOT323 (S-mini) package. The
BFT92W uses the same crystal as the
SOT23 version, BFT92.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Marking code: W1.
Fig.1 SOT323.
handbook, 2 columns
3
12
MBC870
Top view
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−−20
V
VCEO
collector-emitter voltage
open base
−−−15
V
IC
collector current (DC)
−−−35
mA
Ptot
total power dissipation
up to Ts =93 °C; note 1
−−
300
mW
hFE
DC current gain
IC = −15 mA; VCE = −10 V
20
50
−
Cre
feedback capacitance
IC = 0; VCB = −10 V; f = 1 MHz
−
0.5
−
pF
fT
transition frequency
IC = −15 mA; VCE = −10 V;
f = 500 MHz
−
4
−
GHz
GUM
maximum unilateral power gain IC = −15 mA; VCE = −10 V;
f = 500 MHz; Tamb =25 °C
−
17
−
dB
F
noise figure
IC = −5 mA; VCE = −10 V;
f = 500 MHz
−
2.5
−
dB
Tj
junction temperature
−−
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com