Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB30200CTQ Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBRB30200CTQ
Description  30 Amp Schottky Barrier Rectifier 200 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRB30200CTQ Datasheet(HTML) 2 Page - Micro Commercial Components

  MBRB30200CTQ Datasheet HTML 1Page - Micro Commercial Components MBRB30200CTQ Datasheet HTML 2Page - Micro Commercial Components MBRB30200CTQ Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCCSEMI.COM
Rev.3-1-12302022
2/3
Curve Characteristics
Curve Characteristics
Case Temperature (°C)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge
Current
10
Number of Cycles at 60 Hz
Fig. 4 - Typical Instantaneous Forward Characteristics
MBRB30200CTQ
25
50
75
100
1
25
1
50
1
75
0
6
12
18
24
30
36
Resistive or Inductive Load
Fig. 3 - Typical Instantaneous Forward Characteristics
1
100
0
100
200
300
8.3 ms Single Half Sine-Wave
0.1
1
10
30
0.0
0.2
1.0
1.2
0.4
0.6
0.8
Instantaneous Forward Voltage (V)
TJ=-40°C
=25°C
=100°C
=125°C
20
100
10-3
10-2
10-1
100
101
102
TJ= -40°C
TJ=125°C
TJ=100°C
40
60
80
Percent of Rated Peak Reverse Voltage (%)
TJ=25°C
0
40
160
200
0
200
400
600
800
80
120
Reverse Voltage (V)
Fig. 5 - Capacitance Characteristics
TJ=25°C
f=1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com