Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG002 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # SCG002
Description  InGaP HBT Gain Block
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

SCG002 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  SCG002 Datasheet HTML 1Page - WJ Communication. Inc. SCG002 Datasheet HTML 2Page - WJ Communication. Inc. SCG002 Datasheet HTML 3Page - WJ Communication. Inc. SCG002 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 4 April 2006
SCG002
InGaP HBT Gain Block
Product Information
The Communications Edge
TM
Product Features
• DC – 6 GHz
• +15.5 dBm P1dB at 1 GHz
• +29 dBm OIP3 at 1 GHz
• 21 dB Gain at 1 GHz
• 3.8 dB Noise Figure
• Available in Lead-free / green
SOT-89 Package Style
• Internally matched to 50 Ω
Applications
• Mobile Infrastructure
• CATV / FTTX
• W-LAN / ISM
• RFID
• WiMAX / WiBro
Product Description
The SCG002 is a general-purpose buffer amplifier that
offers high dynamic range in a low-cost surface-mount
package. At 1000 MHz, the SCG002 typically provides 21
dB of gain, +29 dBm Output IP3, and +15.5 dBm P1dB.
The SCG002 consists of Darlington pair amplifiers using
the high reliability InGaP/GaAs HBT process technology
and only requires DC-blocking capacitors, a bias resistor,
and an inductive RF choke for operation. The device is
ideal for wireless applications and is housed in a lead-
free/green/RoHS-compliant SOT-89 SMT package.
All
devices are 100% RF and DC tested.
The broadband MMIC amplifier can be directly applied to
various current and next generation wireless technologies
such as GPRS, GSM, CDMA, and W-CDMA. In addition,
the SCG002 will work for other various applications within
the DC to 6 GHz frequency range such as CATV and
mobile wireless.
Functional Diagram
RF IN
GND
RF OUT
GND
1
23
4
Function
Pin No.
Input
1
Output/Bias
3
Ground
2, 4
Specifications
(1)
Parameter
Units
Min
Typ
Max
Operational Bandwidth
MHz
DC
6000
Test Frequency
MHz
1000
Gain
dB
21
Output P1dB
dBm
+15.5
Output IP3
(2)
dBm
+29
Test Frequency
MHz
2000
Gain
dB
19
20
Input Return Loss
dB
14
Output Return Loss
dB
20
Output P1dB
dBm
+15
Output IP3
(2)
dBm
+29
Noise Figure
dB
3.8
Device Voltage
V
3.5
3.9
4.3
Device Current
mA
45
1. Test conditions unless otherwise noted: 25 ºC, Supply Voltage = +5 V, Rbias = 24
Ω, 50 Ω system.
2. 3OIP measured with two tones at an output power of +2 dBm/tone separated by 1 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
Device Current
150 mA
RF Input Power (continuous)
+12 dBm
Junction Temperature
+250
°C
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance
(1)
Parameter
Units
Typical
Frequency
MHz
500
900
1900
2140
S21
dB
21.6
21
20.5
19.7
S11
dB
-17
-17
-15
-14.5
S22
dB
-18
-18
-21
-21
Output P1dB
dBm
+15.8
+15.5
+15
+14.9
Output IP3
(2)
dBm
+28
+29
+29
+29
Noise Figure
dB
3.8
3.7
3.8
3.8
Ordering Information
Part No.
Description
SCG002B-G
InGaP HBT Gain Block
(lead-free/green/RoHS-compliant SOT-89 package)
SCG002B-PCB
700 –2400 MHz Fully Assembled Eval. Board


Similar Part No. - SCG002

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
SCG002 WJCI-SCG002 Datasheet
177Kb / 4P
InGaP HBT Gain Block
SCG002B-G WJCI-SCG002B-G Datasheet
177Kb / 4P
InGaP HBT Gain Block
SCG002B-PCB WJCI-SCG002B-PCB Datasheet
177Kb / 4P
InGaP HBT Gain Block
SCG002 WJCI-SCG002_07 Datasheet
177Kb / 4P
InGaP HBT Gain Block
More results

Similar Description - SCG002

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
InGaP HBT Gain Block
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
InGaP HBT Gain Block
ECG004 WJCI-ECG004 Datasheet
125Kb / 4P
InGaP HBT Gain Block
AG402-89-RFID WJCI-AG402-89-RFID Datasheet
506Kb / 6P
InGaP HBT Gain Block
AG503-86-RFID WJCI-AG503-86-RFID Datasheet
486Kb / 6P
InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
InGaP HBT Gain Block
AG604-86-RFID WJCI-AG604-86-RFID Datasheet
179Kb / 5P
InGaP HBT Gain Block
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com