Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC144WM Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PDTC144WM
Description  NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC144WM Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PDTC144WM Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC144WM Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC144WM Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC144WM Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC144WM Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC144WM Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTC144WM Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTC144WM Datasheet HTML 13Page - Nexperia B.V. All rights reserved PDTC144WM Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2004 Aug 17
9
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 47 k
Ω, R2 = 22 kΩ
PDTC144W series
UNIT
A1
max.
A(1)
bb1
e1
eL
L1
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.50
0.46
0.20
0.12
0.55
0.47
0.03
0.62
0.55
0.35
0.65
DIMENSIONS (mm are the original dimensions)
Note
1. Including plating thickness
0.30
0.22
0.30
0.22
SOT883
SC-101
03-02-05
03-04-03
DE
1.02
0.95
L
E
2
3
1
b
b1
A1
A
D
L1
0
0.5
1 mm
scale
Leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.5 mm
SOT883
e
e1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com