Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS3A2467PW Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # XS3A2467PW
Description  Dual low-ohmic double-pole double-throw analog switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

XS3A2467PW Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  XS3A2467PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved XS3A2467PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved XS3A2467PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved XS3A2467PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved XS3A2467PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved XS3A2467PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved XS3A2467PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved XS3A2467PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved XS3A2467PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Nexperia
XS3A2467
Dual low-ohmic double-pole double-throw analog switch
9. Recommended operating conditions
Table 5. Recommended operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.4
4.3
V
VI
input voltage
select input nS
0
4.3
V
VSW
switch voltage
[1]
0
VCC
V
Tamb
ambient temperature
-40
+125
°C
Δt/ΔV
input transition rise and fall rate
VCC = 1.4 V to 4.3 V
[2]
-
200
ns/V
[1] To avoid sinking GND current from terminal nZ when switch current flows in terminal nYn, the voltage drop across the bidirectional
switch must not exceed 0.4 V. If the switch current flows into terminal nZ, no GND current will flow from terminal nYn. In this case,
there is no limit for the voltage drop across the switch.
[2] Applies to control signal levels.
10. Static characteristics
Table 6. Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
Tamb = 25 °C
Tamb = -40 °C
to +85 °C
Tamb = -40 °C
to +125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
VCC = 1.4 V to 1.6 V
0.9
-
-
0.9
-
0.9
-
V
VCC = 1.65 V to 1.95 V
0.9
-
-
0.9
-
0.9
-
V
VCC = 2.3 V to 2.7 V
1.1
-
-
1.1
-
1.1
-
V
VCC = 2.7 V to 3.6 V
1.3
-
-
1.3
-
1.3
-
V
VIH
HIGH-level
input voltage
VCC = 3.6 V to 4.3 V
1.4
-
-
1.4
-
1.4
-
V
VCC = 1.4 V to 1.6 V
-
-
0.3
-
0.3
-
0.3
V
VCC = 1.65 V to 1.95 V
-
-
0.4
-
0.4
-
0.3
V
VCC = 2.3 V to 2.7 V
-
-
0.4
-
0.4
-
0.4
V
VCC = 2.7 V to 3.6 V
-
-
0.5
-
0.5
-
0.5
V
VIL
LOW-level
input voltage
VCC = 3.6 V to 4.3 V
-
-
0.6
-
0.6
-
0.6
V
II
input leakage
current
select input nS;
VI = GND to 4.3 V;
VCC = 1.4 V to 4.3 V
-
-
-
-
±0.5
-
±1
μA
nY0 and nY1 port;
see Fig. 4
VCC = 1.4 V to 3.6 V
-
-
±5
-
±50
-
±500 nA
IS(OFF) OFF-state
leakage
current
VCC = 3.6 V to 4.3 V
-
-
±10
-
±50
-
±500 nA
nZ port; see Fig. 5
VCC = 1.4 V to 3.6 V
-
-
±15
-
±150
-
±1500 nA
IS(ON)
ON-state
leakage
current
VCC = 3.6 V to 4.3 V
-
-
±20
-
±150
-
±1500 nA
VI = VCC or GND;
VSW = GND or VCC
VCC = 3.6 V
-
-
100
-
500
-
5000 nA
ICC
supply current
VCC = 4.3 V
-
-
150
-
800
-
6000 nA
XS3A2467
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 1 — 11 February 2022
4 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com