Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCF-2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CCF-2
Description  Metal Film Resistors, Industrial Power, Flameproof
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CCF-2 Datasheet(HTML) 2 Page - Vishay Siliconix

  CCF-2 Datasheet HTML 1Page - Vishay Siliconix CCF-2 Datasheet HTML 2Page - Vishay Siliconix CCF-2 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
85
CCF02 (CCF-2)
Vishay Dale
Document Number: 31012
Revision 02-Feb-06
For Technical Questions, contact ff2bresistors@vishay.com
DIMENSIONS
in inches [millimeters]
PERFORMANCE
TEST
MAX.
∆R (Typical Test Lots)
Thermal Shock
± 1.0 %
Short Time Overload
± 0.5 %
Low Temperature Operation
± 0.5 %
Moisture Resistance
± 1.5 %
Resistance to Soldering Heat
± 0.5 %
Shock
± 0.5 %
Vibration
± 0.5 %
Terminal Strength
± 0.5 %
Dielectric Withstanding Voltage
± 0.5 %
Life
± 2.0 %
SURFACE TEMPERATURE vs POWER
Surface tempera-
tures were taken with
an infrared pyrom-
eter in + 25 °C still
air.
Resistors were
supported by their
leads in test clips at a
point 0.5" [12.70 mm]
out from the resistor
body ends.
Metal Film Resistors, Industrial Power, Flameproof
250
200
150
100
50
0
APPLIED POWER (WATTS)
12
3
4
5
0.344
± 0.031
[8.74
± 0.79]
0.425
[10.80]
MAX.
1.030
± 0.130
[26.16
± 3.30]
0.145
± 0.015
[3.68
± 0.38]
0.032
± 0.002
[0.81
± 0.05]
- 65 - 50 - 25
0
25
50
75
100 125 150
175 200 225 250
AMBIENT TEMPERATURE IN ˚C
DERATING
120
100
80
60
40
20
0
70



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com