Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCMM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RCMM
Description  Molded Metal Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMM Datasheet(HTML) 1 Page - Vishay Siliconix

  RCMM Datasheet HTML 1Page - Vishay Siliconix RCMM Datasheet HTML 2Page - Vishay Siliconix RCMM Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RCMM
www.vishay.com
Vishay Sfernice
Revision: 27-Jul-2021
1
Document Number: 52006
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Molded Metal Film Resistors
FEATURES
• 0.25 W to 1 W at 70 °C
• According to NF C 83-230 (RC21U-31U-41U-32)
• According to CECC 40 100
• High insulation > 107 M
Ω
• Great mechanical strength
• Termination = pure matte tin
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in millimeters
SERIES
A max.
Ø B max.
Ø C
WEIGHT in g
RCMM02
6.5 ± 0.2
2.5
-0
-0.2
0.6
0.26
RCMM05
10.2 ± 0.2
3.65 ± 0.1
0.6
0.46
RCMM1
16 ± 0.5
6.2 ± 0.2
0.8
1.30
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
RESISTANCE
RANGE
Ω
RATED POWER
P70 °C
W
LIMITING ELEMENT
VOLTAGE
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
RCMM02
1 to 332K
0.25
300
2, 5
50, 100
1 to 332K
0.50
350
2, 5
50, 100
RCMM05
1 to 1M
0.50
350
2, 5
50, 100
RCMM1
1 to 2.26M
1.0
500
2, 5
50, 100
TECHNICAL SPECIFICATIONS
VISHAY SFERNICE SERIES
RCMM02
RCMM05
RCMM1
CECC 83-230 (for information)
RC21U
RC32
RC31U
RC41U
CECC 40 100-802 (for information)
BV
-
CV
-
Power rating at 70 °C
0.25 W
0.50 W
0.50 W
1 W
Resistance value range
in relation to tolerance
± 5 %
1
Ω to 330 kΩ
E24
1
Ω to 330 kΩ
E24
1
Ω to 1 MΩ
E24
1
Ω to 2.2 MΩ
E24
± 2 %
1
Ω to 332 kΩ
E48
1
Ω to 332 kΩ
E48
1
Ω to 1 MΩ
E48
1
Ω to 2.26 MΩ
E48
Maximum voltage
300 V
350 V
350 V
500 V
Critical resistance
-
245 k
Ω
245 k
Ω
250 k
Ω
Temperature
coefficient
Rated
in the range -55 °C +155 °C
K2
≤ ± 100 ppm/°C
Typical
in the range -10 °C +70 °C
≤ ± 50 ppm/°C
Insulation resistance (typical)
≥ 107 MΩ (500 VDC)
Voltage coefficient
≤ ± 10 ppm/V
Environmental specifications
-65 °C / +155 °C / 56 days
A
25 min.
25 min.
Ø B
Ø C


Similar Part No. - RCMM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCMM VISHAY-RCMM Datasheet
142Kb / 2P
Molded Metal Film Resistors
16-Jul-02
RCMM02 VISHAY-RCMM02 Datasheet
142Kb / 2P
Molded Metal Film Resistors
16-Jul-02
RCMM05 VISHAY-RCMM05 Datasheet
142Kb / 2P
Molded Metal Film Resistors
16-Jul-02
RCMM1 VISHAY-RCMM1 Datasheet
142Kb / 2P
Molded Metal Film Resistors
16-Jul-02
More results

Similar Description - RCMM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCMM VISHAY-RCMM Datasheet
142Kb / 2P
Molded Metal Film Resistors
16-Jul-02
RCMX02 VISHAY-RCMX02 Datasheet
134Kb / 3P
Molded Metal Film High Ohmic Value Resistors
05-Aug-13
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
Metal Film Resistors
logo
American Accurate Compo...
RN50R100BM AAC-RN50R100BM Datasheet
141Kb / 2P
RN Series Molded Metal Film High Precision Resistors
SRN55U100KTM AAC-SRN55U100KTM Datasheet
73Kb / 1P
SRN Series Ultra Precision Molded Metal Film Resistors
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02 Datasheet
309Kb / 4P
Molded Metal Film High Stability Resistors
02-Oct-09
logo
Riedon Powertron
MP55 RIEDON-MP55 Datasheet
189Kb / 2P
Ultra Precision Molded Metal Film Resistors
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02_15 Datasheet
79Kb / 4P
Molded Metal Film High Stability Resistors
05-Aug-13
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02_V01 Datasheet
83Kb / 4P
Molded Metal Film High Stability Resistors
27-Jul-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com