Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2104CU/2 Datasheet(PDF) 30 Page - Motorola, Inc

Part # PCF2104CU/2
Description  LCD controller/driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PCF2104CU/2 Datasheet(HTML) 30 Page - Motorola, Inc

Back Button PCF2104CU/2 Datasheet HTML 26Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 27Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 28Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 29Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 30Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 31Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 32Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 33Page - Motorola, Inc PCF2104CU/2 Datasheet HTML 34Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
1997 Dec 16
30
Philips Semiconductors
Product specification
LCD controller/driver
PCF2104x
12 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
13 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see
“Handling MOS Devices” ).
14 DC CHARACTERISTICS
VDD = 2.5 to 6 V; VSS =0V; VLCD =VDD − 3.5 to VDD − 9V;Tamb = −40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+8.0
V
VLCD
LCD supply voltage
VDD − 11
VDD
V
VI
input voltage OSC, RS, R/W, E and DB0 to DB7
VSS − 0.5
VDD + 0.5
V
VO
output voltage R1 to R32, C1 to C60 and VLCD
VLCD − 0.5
VDD + 0.5
V
II
DC input current
−10
+10
mA
IO
DC output current
−10
+10
mA
IDD, ISS, ILCD VDD, VSS or VLCD current
−50
+50
mA
Ptot
total power dissipation
400
mW
PO
power dissipation per output
100
mW
Tstg
storage temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
2.5
6.0
V
VLCD
LCD supply voltage
VDD − 9
VDD − 3.5
V
IDD
supply current external VLCD
note 1
−−
IDD1
supply current 1
200
500
µA
IDD2
supply current 2
VDD =5V; VOP =9V;
fosc = 150 kHz;
Tamb =25 °C
200
300
µA
IDD3
supply current 3
VDD =3V; VOP =5V;
fosc = 150 kHz;
Tamb =25 °C
150
200
µA
ILCD
VLCD input current
notes 1 and 6
50
100
µA
VPOR
Power-on reset voltage level
note 2
1.3
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com