Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA2001 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BGA2001
Description  Silicon MMIC amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2001 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BGA2001 Datasheet HTML 2Page - NXP Semiconductors BGA2001 Datasheet HTML 3Page - NXP Semiconductors BGA2001 Datasheet HTML 4Page - NXP Semiconductors BGA2001 Datasheet HTML 5Page - NXP Semiconductors BGA2001 Datasheet HTML 6Page - NXP Semiconductors BGA2001 Datasheet HTML 7Page - NXP Semiconductors BGA2001 Datasheet HTML 8Page - NXP Semiconductors BGA2001 Datasheet HTML 9Page - NXP Semiconductors BGA2001 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1999 Aug 11
6
Philips Semiconductors
Product specification
Silicon MMIC amplifier
BGA2001
handbook, full pagewidth
MGS613
0
0.2
0.6
0.4
0.8
1.0
1.0
+5
+1
+0.5
+0.2
0
−0.2
−0.5
−1
−2
−5
0.2
1
2
5
180
°
−135
°
−90
°
−45
°
0
°
45
°
90
°
135
°
unstable
region load
unstable region
source
(4)
(3)
(5)
(6)
(2)
(1)
0.5
Γopt
+2
Fig.10 Noise, stability and gain circles; typical values.
f = 900 MHz; VVS-OUT = 2.5 V;
IVS-OUT = 4 mA; Zo =50 Ω.
(1) G = 22 dB
(2) G = 21 dB
(3) G = 20 dB
(4) NF = 1.3 dB
(5) NF = 1.5 dB
(6) NF = 1.7 dB.
handbook, full pagewidth
MGS614
0
0.2
0.6
0.4
0.8
1.0
1.0
+5
+2
+0.2
0
−0.2
−0.5
−1
−2
−5
0.2
0.5
1
2
5
180
°
−135
°
−90
°
−45
°
0
°
45
°
90
°
unstable
region load
unstable region
source
Γopt
(3)
(2)
(4)
(5)
(6)
(1)
135
°
+0.5
+1
Fig.11 Noise, stability and gain circles; typical values.
f = 1800 MHz; VVS-OUT = 2.5 V;
IVS-OUT = 4 mA; Zo =50 Ω.
(1) G = 19 dB
(2) G = 18 dB
(3) G = 17 dB
(4) NF = 1.3 dB
(5) NF = 1.5 dB
(6) NF = 1.7 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com