Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T48C862M-R3-TNQ Datasheet(PDF) 61 Page - ATMEL Corporation

Part # T48C862M-R3-TNQ
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 57Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 58Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 59Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 60Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 61Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 62Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 63Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 64Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 107 page
background image
61
T48C862-R3
4554A–4BMCU–02/03
Timer 3 – Mode 12:
Timer/Counter with External
Capture Mode (T3I)
The counter is driven by an internal clock source and an edge at the external input T3I
loads the counter value into the capture register. The edge can be selected with the pro-
grammable edge detector of the timer input stage. This mode can be used for signal and
pulse measurements.
Figure 61. External Capture Mode
Timer 3 Modulator for
Carrier Frequency Burst
Modulation
If the output stage operates as pulse-width modulator for the shift register, the output
can be stopped with stage 1 of Timer 2. For this task, the timer mode 3 must be used
and the prescaler must be supplied by the internal shift clock of the shift register.
The modulator can be started with the start of the shift register (SIR = 0) and stopped
either by a shift register stop (SIR = 1) or compare match event of stage 1 of Timer 2.
For this task, the Timer 2 must be used in mode 3 and the prescaler stage must be sup-
plied by the internal shift clock of the shift register.
Figure 62. Modulator 3
Timer 3 Demodulator for
Biphase, Manchester and
Pulse-width-modulated
Signals
The demodulator stage of Timer 3 can be used to decode Biphase, Manchester and
pulse-width-coded signals.
Figure 63. Timer 3 Demodulator 3
01 2 3456789 1011
Counter 3
T3CP-
Register
15
T3I
T3R
Capture value = X
Capture value = 17
Capture
value = 35
0
121314 16
20
171819
22
21 23
27
242526
29
28 30
34
313233
36
35 37
41
383940
T3
Set
Res
T3O
T3TOP
OMSK
TOG3
SO
SSI/
Control
M2
M3
MUX
T3M
0
1
2
3
Timer 3 Mode
T3O
6 MUX 1
7 MUX 2
9 MUX 3
other MUX 0
Demodulator 3
T3EX
Res
CM31
Counter 3
Reset
Counter 3
Control
SCI
SI
T3I
T3M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com