Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85356AMILF Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 85356AMILF
Description  2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85356AMILF Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 85356AMILF Datasheet HTML 7Page - Renesas Technology Corp 85356AMILF Datasheet HTML 8Page - Renesas Technology Corp 85356AMILF Datasheet HTML 9Page - Renesas Technology Corp 85356AMILF Datasheet HTML 10Page - Renesas Technology Corp 85356AMILF Datasheet HTML 11Page - Renesas Technology Corp 85356AMILF Datasheet HTML 12Page - Renesas Technology Corp 85356AMILF Datasheet HTML 13Page - Renesas Technology Corp 85356AMILF Datasheet HTML 14Page - Renesas Technology Corp 85356AMILF Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL/ECL CLOCK
MULTIPLEXER
11
Rev C 1/5/15
85356 DATA SHEET
Reliability Information
Table 7A.
JA vs. Air Flow Table for a 20 Lead SOIC, Forced Convection
NOTE: Most modern PCB design use multi-layered boards. The data in the second row pertains to most designs.
Table 7B.
JA vs. Air Flow Table for a 20 Lead TSSOP, Forced Convection
NOTE: Most modern PCB design use multi-layered boards. The data in the second row pertains to most designs.
Transistor Count
The transistor count for 85356 is: 446
JA by Velocity
Linear Feet per Minute
0200
500
Single-Layer PCB, JEDEC Standard Test Boards
83.2°C/W
65.7°C/W
57.5°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
46.2°C/W
39.7°C/W
36.8°C/W
JA by Velocity
Linear Feet per Minute
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
114.5°C/W
98.0°C/W
88.0°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
73.2°C/W
66.6°C/W
63.5°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com