Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA2003 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BGA2003
Description  Silicon MMIC amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2003 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BGA2003 Datasheet HTML 2Page - NXP Semiconductors BGA2003 Datasheet HTML 3Page - NXP Semiconductors BGA2003 Datasheet HTML 4Page - NXP Semiconductors BGA2003 Datasheet HTML 5Page - NXP Semiconductors BGA2003 Datasheet HTML 6Page - NXP Semiconductors BGA2003 Datasheet HTML 7Page - NXP Semiconductors BGA2003 Datasheet HTML 8Page - NXP Semiconductors BGA2003 Datasheet HTML 9Page - NXP Semiconductors BGA2003 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1999 Jul 23
6
Philips Semiconductors
Product specification
Silicon MMIC amplifier
BGA2003
handbook, halfpage
010
15
25
gain
(dB)
25
0
20
MGS544
5
20
15
10
5
IVS-OUT (mA)
Gmax
GUM
Fig.10 Gain as a function of the bias current
(IVS-OUT); typical values.
VVS-OUT = 2.5 V; f = 1800 MHz.
handbook, halfpage
0
MGS545
102
103
104
10
20
30
40
gain
(dB)
f (MHz)
MSG
Gmax
GUM
Fig.11 Gain as a function of frequency; typical
values.
VVS-OUT = 2.5 V; IVS-OUT = 10 mA.
handbook, halfpage
3
0
MGS546
110
102
1
1.5
0.5
2
2.5
NFmin
(dB)
IVS-OUT (mA)
(3)
(2)
(4)
(1)
Fig.12 Minimum noise figure as a function of the
bias current (IVS-OUT); typical values.
(1) f = 2400 MHz.
(2) f = 1800 MHz.
(3) f = 1000 MHz.
(4) f = 900 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com