Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB04L2NCGD Datasheet(PDF) 1 Page - ITT Industries

Part # MB04L2NCGD
Description  Half-inch Rotary Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MB04L2NCGD Datasheet(HTML) 1 Page - ITT Industries

  MB04L2NCGD Datasheet HTML 1Page - ITT Industries MB04L2NCGD Datasheet HTML 2Page - ITT Industries MB04L2NCGD Datasheet HTML 3Page - ITT Industries MB04L2NCGD Datasheet HTML 4Page - ITT Industries MB04L2NCGD Datasheet HTML 5Page - ITT Industries MB04L2NCGD Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
L–12
L
Models Available
C&K M Series
Half-inch Rotary Switches
Features/Benefits
• Multi-pole and multi-positions
• Panel and PCB mounting
• Stainless steel actuator
• Non-shorting contacts
Typical Applications
• Test equipment
• Industrial equipment
• Medical equipment
Specifications
CONTACT RATING: Q contact material: Carry-6 AMPS continuous.
Switch-250 mA max. @ 125 V AC or 28 DC. Non-shorting
contacts standard. See page L-15 for additional ratings.
ELECTRICAL LIFE: 10,000 make-and-break cycles at 150 mA,
125 V AC or 28 DC.
CONTACT RESISTANCE: Below 20 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 1010
Ω min.
DIELECTRIC STRENGTH: 600 Vrms min. @ sea level.
OPERATING & STORAGE TEMPERATURE: –30ºC to 85ºC.
OPERATING TORQUE: 4-7 ounces-inches typ. initial.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
NOTE: Any models supplied with Q or G contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
HOUSING AND BUSHING: Zinc alloy, bright zinc plated,
with clear chromate finish.
ACTUATOR: Zinc alloy, nickel plated or stainless steel.
BASE: Diallylphthalate (DAP) or melamine phenolic, with insert
molded terminals.
ROTOR: Glass filled polyester (UL 94V-0).
MOVABLE CONTACTS:
Non-shorting: Q contact material: Copper alloy, silver plated.
See page L-15 for additional contact materials.
STATIONARY CONTACT & ALL TERMINALS: Q contact material:
Copper alloy, silver plated. All terminals insert molded. All
terminals present regardless of number of switch positions.
See page L-15 for additional contact materials.
CONTACT SPRING: Music wire, phosphate coated.
STOP PIN: Stainless steel.
STOP RING: Brass.
HARDWARE: Nut: Brass, nickel plated; Lockwasher: Steel,
nickel plated.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages L-13 thru L-17. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
MA00 SP, 10 pos., 36°
MA02 SP, 2 pos., 36°
MA03 SP, 3 pos., 36°
MA04 SP, 4 pos., 36°
MA05 SP, 5 pos., 36°
MA06 SP, 6 pos., 36°
MA10 SP, 10 pos., 36°
MB00 DP, 5 pos., 36°
MB03 DP, 3 pos., 36°
MB04 DP, 4 pos., 36°
MB05 DP, 5 pos., 36°
MC00 SP, 12 pos., 30°
MC03 SP, 3 pos., 30°
MC07 SP, 7 pos., 30°
MC12 SP, 12 pos., 30°
MD00 DP, 6 pos., 30°
MD06 DP, 6 pos., 30°
ME00 SP, 10 pos., 36°
ME04 SP, 4 pos., 36°
MF00 DP, 5 pos., 36°
MG00 SP, 12 pos., 30°
MH00 DP, 6 pos., 30°
Contact Material
Q Silver
G Gold over silver
Actuator & Bushing
L1 .650" long, flatted
L2 Screwdriver slot, flush
L3 .650" long, round
S1 .650" long, flatted
S2 Screwdriver slot, flush
S3 .650" long, round
S6 .785" long, slot
Short/Non-short
N Non-shorting contacts
Terminations
Z Solder lug
C PC Thru-hole
Seal
D No seal
F
Splashproof shaft & panel seal
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - MB04L2NCGD

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MB04 BWTECH-MB04 Datasheet
227Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Diode Semiconductor Kor...
MB04 DSK-MB04 Datasheet
175Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
C&K Components
MB04 CK-COMPONENTS-MB04 Datasheet
545Kb / 5P
Half-inch Rotary Switches
logo
Guangdong Juxing Electr...
MB0405F JUXING-MB0405F Datasheet
970Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
MB0410F JUXING-MB0410F Datasheet
970Kb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - MB04L2NCGD

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS Datasheet
236Kb / 3P
ROTARY SWITCHES
logo
Mitsumi Electronics, Co...
SRM-1011ST MITSUMI-SRM-1011ST Datasheet
65Kb / 2P
Rotary Switches
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
Rotary Encoder Switches
logo
Allen-Bradley
440T-MRKSE10 ALLEN-BRADLEY-440T-MRKSE10 Datasheet
161Kb / 3P
Rotary Switches
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
Rotary Switches
logo
C&K Components
MA00L1NZQD CK-COMPONENTS-MA00L1NZQD Datasheet
352Kb / 5P
Half-inch Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
ROTARY SWITCHES
KC1901 E-SWITCH-KC1901 Datasheet
94Kb / 1P
ROTARY SWITCHES
logo
Carling Technologies
R135-SERIES CARLINGTECH-R135-SERIES Datasheet
484Kb / 3P
Rotary Switches
logo
C&K Components
M CK-COMPONENTS-M Datasheet
545Kb / 5P
Half-inch Rotary Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com