Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV9110 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # AV9110
Description  Serially Programmable Frequency Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AV9110 Datasheet(HTML) 1 Page - Renesas Technology Corp

  AV9110 Datasheet HTML 1Page - Renesas Technology Corp AV9110 Datasheet HTML 2Page - Renesas Technology Corp AV9110 Datasheet HTML 3Page - Renesas Technology Corp AV9110 Datasheet HTML 4Page - Renesas Technology Corp AV9110 Datasheet HTML 5Page - Renesas Technology Corp AV9110 Datasheet HTML 6Page - Renesas Technology Corp AV9110 Datasheet HTML 7Page - Renesas Technology Corp AV9110 Datasheet HTML 8Page - Renesas Technology Corp AV9110 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
Features
AV9110
Block Diagram
Serially Programmable Frequency Generator
•
Complete user programmability of output frequency
through serial input data port
•
On-chip Phase-Locked Loop for clock generation
•
Generates accurate frequencies up to 130 MHz
•
Tristate CMOS outputs
•
5 volt power supply
•
Low power CMOS technology
•
14-pin DIP or 150-mil SOIC
•
Very low jitter
•
Wide operating range VCO
The AV9110 generates user specified clock frequencies using
an externally generated input reference, such as 14.318 MHz
or 10.00 MHz crystal connected between pins 1 and 14.
Alternately, a TTL input reference clock signal can be used.
The output frequency is determined by a 24-bit digital word
entered through the serial port. The serial port enables the
user to change the output frequency on-the-fly.
The clock outputs utilize CMOS level output buffers that
operate up to 130 MHz.
Applications
Graphics: The AV9110 generates low jitter, high speed pixel
(or dot) clocks. It can be used to replace multiple expensive
high speed crystal oscillators. The flexibility of this device
allows it to generate nonstandard graphics clocks, allowing
the user to program frequencies on-the-fly.


Similar Part No. - AV9110

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9110 ICST-AV9110 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
AV9110-01CN14 ICST-AV9110-01CN14 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
AV9110-01CS14 ICST-AV9110-01CS14 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
AV9110-02CN14 ICST-AV9110-02CN14 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
AV9110-02CS14 ICST-AV9110-02CS14 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
More results

Similar Description - AV9110

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9110 ICST-AV9110 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
Serially Programmable Clock Source
Revision 042501
ICS82C404 ICST-ICS82C404 Datasheet
610Kb / 13P
Dual Programmable Graphics Frequency Generator
RevA111095
ICS9161A ICST-ICS9161A Datasheet
452Kb / 15P
Dual Programmable Graphics Frequency Generator
RevG 10/04/00
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150 Datasheet
211Kb / 13P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
logo
Integrated Circuit Syst...
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 121304
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150_09 Datasheet
389Kb / 16P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
logo
Renesas Technology Corp
IDT6V40277 RENESAS-IDT6V40277 Datasheet
315Kb / 12P
SERIALLY PROGRAMMABLE CLOCK SOURCE
041813
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
ICS307-03 RENESAS-ICS307-03 Datasheet
326Kb / 15P
SERIALLY PROGRAMMABLE CLOCK SOURCE
032911
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com