Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8745BYILF Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 8745BYILF
Description  1:5 Differential-to-LVDS Zero Delay Clock Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8745BYILF Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 8745BYILF Datasheet HTML 4Page - Renesas Technology Corp 8745BYILF Datasheet HTML 5Page - Renesas Technology Corp 8745BYILF Datasheet HTML 6Page - Renesas Technology Corp 8745BYILF Datasheet HTML 7Page - Renesas Technology Corp 8745BYILF Datasheet HTML 8Page - Renesas Technology Corp 8745BYILF Datasheet HTML 9Page - Renesas Technology Corp 8745BYILF Datasheet HTML 10Page - Renesas Technology Corp 8745BYILF Datasheet HTML 11Page - Renesas Technology Corp 8745BYILF Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ICS8745BYI REVISION D JUNE 11, 2009
8
©2009 Integrated Device Technology, Inc.
ICS8745BI Data Sheet
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
Parameter Measurement Information
3.3V LVDS Output Load AC Test Circuit
Phase Jitter and Static Phase Offset
Cycle-to-Cycle Jitter
Differential Input Level
Output Skew
Output Rise/Fall Time
SCOPE
Qx
nQx
3.3V±5%
POWER SUPPLY
+–
Float GND
LVDS
VDDA,
VDDO
VDD,
nCLK[0:1]
CLK[0:1]
nFB_IN
FB_IN
➤t(Ø)
V
OH
V
OL
V
OH
V
OL
➤
➤
tcycle n
tcycle n+1
tjit(cc) =
|tcycle n – tcycle n+1|
1000 Cycles
Q[0:4]
nQ[0:4]
VDD
nCLK[0:1]
CLK[0:1]
GND
V
CMR
Cross Points
V
PP
tsk(o)
Qx
nQx
Qy
nQy
20%
80%
80%
20%
tR
t F
VOD
Q[0:4]
nQ[0:4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com