Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9112-26 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9112-26
Description  Low Skew Output Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9112-26 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9112-26 Datasheet HTML 1Page - Renesas Technology Corp ICS9112-26 Datasheet HTML 2Page - Renesas Technology Corp ICS9112-26 Datasheet HTML 3Page - Renesas Technology Corp ICS9112-26 Datasheet HTML 4Page - Renesas Technology Corp ICS9112-26 Datasheet HTML 5Page - Renesas Technology Corp ICS9112-26 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ICS9112-26
Notes:
1.
Guaranteed by design and characterization. Not subject to 100% test.
2.
CLK_IN input has a threshold voltage of 1.4V
3.
All parameters expected with loaded outputs
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
Switching Characteristics at 3.3V
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Low-to-high Propagation Delay
1
tPLH
VO = VDD/2
4
5.6
7
ns
High-to-low Propagation Delay
1
tPHL
VO = VDD/2
4
5.2
7
ns
Output Skew Window
1
Tsk(O)
VO = VDD/2
50
100
ps
Process Skew
1
Tsk(PR)
VO = VDD/2
0.5
ps
66 MHz
6
133 MHz
3
66 MHz
6
133 MHz
3
Output Rise Slew Rate
1
Tr
0.3 to 0.6 VDD
23.6
5
V/ns
Output Rise Slew Rate
1
Tf
0.3 to 0.6 VDD
23.2
5
V/ns
1. Guaranteed by design, not 100% tested in production.
CLKIN Low Time
1
Tlow
ns
ns
CLKIN High Time
1
Thigh
Electrical Characteristics at 3.3V
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD = min to max, IOH = -1 mA
VDD - 0.2
3.3
V
VDD = 3V, IOH = -24 mA
22.9
V
VDD = 3V, IOH = 12 mA
2.4
3.1
V
VDD = min to max, IOH = 1 mA
0.0055
0.2
V
VDD = 3V, IOH = 24 mA
0.28
0.8
V
VDD = 3V, IOH = 12 mA
0.14
0.55
V
VDD = 3V, VO = 1V
-61
-50
VDD = 3.3V, VO = 1.65V
-77
VDD = 3V, VO = 2V
60
103
VDD = 3.3V, VO = 1.65V
111
Input Current
II
V = VO or VDD
-5
5
µA
Input Capacitance
1
CI
VDD = 3.3V, VI = 0V or 3.3V
3pF
Output Capacitance
1
CO
VDD = 3.3V, VI = 0V or 3.3V
3.2
pF
REF = 0 MHz
22
50
µA
Unloaded outputs at 66.67 MHz
25
40
mA
1. Guaranteed by design, not 100% tested in production.
Low-level Input Current
IOL
Supply current
IDD
High-level Input Current
IOH
High-level Output Voltage
VOH
Low-level Output Voltage
VOL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com