Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9112-27 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9112-27
Description  Low Skew PCI / PCI-X Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9112-27 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9112-27 Datasheet HTML 1Page - Renesas Technology Corp ICS9112-27 Datasheet HTML 2Page - Renesas Technology Corp ICS9112-27 Datasheet HTML 3Page - Renesas Technology Corp ICS9112-27 Datasheet HTML 4Page - Renesas Technology Corp ICS9112-27 Datasheet HTML 5Page - Renesas Technology Corp ICS9112-27 Datasheet HTML 6Page - Renesas Technology Corp ICS9112-27 Datasheet HTML 7Page - Renesas Technology Corp ICS9112-27 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ICS9112-27
0055J—08/12/15
Absolute Maximum Ratings
Supply voltage range VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.3 V
Input voltage range VI (see notes 1 & 2) . . . . . . . -0.5V to VDD + 0.5V
Output voltage range VO (see notes 1 & 2) . . . . . -0.5V to VDD + 0.5V
Input clamp current IIK (VI< 0 or VI >VDD) . . . . . . . . . . . . . . . . ±50 mA
Output clamp current IOK (VO< 0 or VO) . . . . . . . . . . . . . . . . . ±50 mA
Continuous total output current, IO (VO = 0 to VDD) . . . . . . . . . ±50 mA
Package thermal impedance ØJA (see note 3): PW package230.5°C/W
Storage temperature rante, Tstg . . . . . . . . . . . . . . . . . . . . . . . -65°C to 150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Notes:
1.The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings
are observed.
2. This value is limited to 4.6 V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51.
s
n
o
i
t
i
d
n
o
C
g
n
i
t
a
r
e
p
O
d
e
d
n
e
m
m
o
c
e
R
n
i
Mm
o
Nx
a
Mt
i
n
U
V
,
e
g
a
t
l
o
v
y
l
p
p
u
S
D
D
33
.
36
.
3V
V
,
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
-
h
g
i
H
H
I
7
.
0 XV D
D
V
V
,
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
-
w
o
L
L
I
3
.
0 XV D
D
V
V
,
e
g
a
t
l
o
v
t
u
p
n
I
I
0V D
D
V
I
,
t
n
e
r
r
u
c
t
u
p
t
u
o
l
e
v
e
l
-
h
g
i
H
H
O
4
2
-A
m
I
,
t
n
e
r
r
u
c
t
u
p
t
u
o
l
e
v
e
l
-
w
o
L
L
O
4
2A
m
T
,
e
r
u
t
a
r
e
p
m
e
t
r
i
a
-
e
e
r
f
g
n
i
t
a
r
e
p
O
A
0
4
-5
8C
°
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
f
o
s
e
g
n
a
r
d
e
d
n
e
m
m
o
c
e
r
r
e
v
o
s
t
n
e
m
e
r
i
u
q
e
r
g
n
i
m
i
T
e
r
u
t
a
r
e
p
m
e
t
r
i
a
-
e
e
r
f
g
n
i
t
a
r
e
p
o
n
i
Mm
o
Nx
a
Mt
i
n
U
f
y
c
n
e
u
q
e
r
f
k
c
o
l
C
K
L
C
00
4
1z
H
M



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com