Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9148-32 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS9148-32
Description  Pentium/ProTM System Clock Chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9148-32 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS9148-32 Datasheet HTML 7Page - Renesas Technology Corp ICS9148-32 Datasheet HTML 8Page - Renesas Technology Corp ICS9148-32 Datasheet HTML 9Page - Renesas Technology Corp ICS9148-32 Datasheet HTML 10Page - Renesas Technology Corp ICS9148-32 Datasheet HTML 11Page - Renesas Technology Corp ICS9148-32 Datasheet HTML 12Page - Renesas Technology Corp ICS9148-32 Datasheet HTML 13Page - Renesas Technology Corp ICS9148-32 Datasheet HTML 14Page - Renesas Technology Corp ICS9148-32 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
ICS9148-32
Ordering Information
ICS9148F-32
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
F=SSOP
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
Example:
ICS XXXX F - PPP
This table in inches
SSOP Package
SYMBOL
COMMON DIMENSIONS
VARIATIONS
D
N
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
.095
.101
.110
AC
.620
.625
.630
48
A1
.008
.012
.016
AD
.720
.725
.730
56
A2
.088
.090
.092
B
.008
.010
.0135
C
.005
.006
.0085
D
See Variations
E
.292
.296
.299
e0.025 BSC
H
.400
.406
.410
h
.010
.013
.016
L
.024
.032
.040
N
See Variations
∝
0°
5°
8°
X
.085
.093
.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com