Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECG014 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # ECG014
Description  0.2 Watt, High Linearity InGaP HBT Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECG014 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  ECG014 Datasheet HTML 1Page - WJ Communication. Inc. ECG014 Datasheet HTML 2Page - WJ Communication. Inc. ECG014 Datasheet HTML 3Page - WJ Communication. Inc. ECG014 Datasheet HTML 4Page - WJ Communication. Inc. ECG014 Datasheet HTML 5Page - WJ Communication. Inc. ECG014 Datasheet HTML 6Page - WJ Communication. Inc. ECG014 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
.
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 7 June 2005
AH110 / ECG014
0.2 Watt, High Linearity InGaP HBT Amplifier
Product Information
Product Features
• 50 – 2000 MHz
• +23 dBm P1dB
• +39 dBm Output IP3
• 20.5 dB Gain @ 900 MHz
• 17.6 dB Gain @ 1900 MHz
• Single Positive Supply (+8V)
• Available in a lead-free / green
SOT-89 Package Style
Applications
• Mobile Infrastructure
• Defense/Homeland Security
Product Description
The AH110 / ECG014 is a high dynamic range driver
amplifier in a low-cost surface mount package.
The
InGaP/GaAs HBT is able to achieve performance over a
broad range with +39 dBm OIP3 and +23 dBm of
compressed 1-dB power. It is housed in a lead-
free/green/RoHS-compliant SOT-89 SMT package.
All
devices are 100% RF and DC tested.
The product is targeted for use as a gain block/driver
amplifier for various current and next generation wireless
technologies such as GPRS, GSM and CDMA, where high
linearity and medium power is required. In addition, the
AH110 / ECG014 will work for numerous other
applications within the 50 to 2000 MHz frequency range.
Functional Diagram
RF IN
GND
RF OUT
GND
1
23
4
Function
Pin No.
Input / Base
1
Output / Collector
3
Ground
2, 4
Specifications (1)
Parameters
Units Min
Typ
Max
Operational Bandwidth
MHz
50
2000
Test Frequency
MHz
900
Gain
dB
20.5
Output P1dB
dBm
+23
Output OIP3
dBm
+39
Test Frequency
MHz
1900
Gain
dB
17
17.6
Input Return Loss
dB
17
Output Return Loss
dB
7.4
Output P1dB
dBm
+23
Output IP3 (2)
dBm
+36.5
+38
IS-95A Channel Power
@ -45 dBc ACPR, 1900 MHz
dBm
+16
Noise Figure
dB
5.2
Operating Current Range (3)
mA
85
100
135
Device Voltage (4)
V
5
1. Test conditions unless otherwise noted: 25
°C, Vsupply = +8V, in tuned application circuit with
Rbias = 30
Ω.
2. 3OIP measured with two tones at an output power of +9 dBm/tone separated by 1 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule. The tuned
application circuit is tuned for optimum ACPR performance. An improvement in OIP3 of 2 to 3
dB can be achieved for tuning for optimum OIP3 (with slightly degraded ACPR performance).
3. This corresponds to the quiescent current or operating current under small-signal conditions.
4. This device requires a minimum 7 V power supply through a dropping resistor. 8 V and 30 ohms
are recommended for proper operation. Operation of the device directly to a 5 V supply could lead
to thermal damage to the device.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
RF Input Power (continuous)
+15 dBm
Device Voltage
+6 V
Device Current
150 mA
Junction Temperature
+250
°C
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance (5)
Parameters
Units
Typical
Frequency
MHz
900
1900
S21 – Gain
dB
20.5
17.6
S11 – Input R.L.
dB
-20
-17
S22 – Output R.L.
dB
-9.5
-7.4
Output P1dB
Output IP3 (2)
dBm
dBm
+22.8
+39
+23
+38
IS-95A Channel Power (6)
dBm
+17
+16
Noise Figure
dB
5
5.2
Supply Bias
+8 V @ 100 mA
5. Typical parameters reflect performance in a tuned application circuit: Supply Voltage = +8 V, Icc =
100 mA, +25
° C, Rbias = 30 Ω.
6. This is measured with an IS-95 signal at (9 ch. Fwd)–45dBc ACPR.
Ordering Information
Part No.
Description
AH110-89*
InGaP HBT Gain Block
(lead-tin SOT-89 Pkg)
ECG014B*
InGaP HBT Gain Block
(lead-tin SOT-89 Pkg)
AH110-89G
InGaP HBT Gain Block
(lead-free/green/RoHS-compliant SOT-89 Pkg)
AH110-89PCB900
900 MHz Evaluation Board
AH110-89PCB1900
1900 MHz Evaluation Board
* This package is being phased out in favor of the green package type which is backwards compatible for
existing designs. Refer to Product Change Notification WJPCN06MAY05TC1 on the WJ website.


Similar Part No. - ECG014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECG014 ETC-ECG014 Datasheet
183Kb / 5P
0.2 Watt, High Linearity InGaP HBT Amplifier
ECG014B ETC-ECG014B Datasheet
183Kb / 5P
0.2 Watt, High Linearity InGaP HBT Amplifier
ECG014B-PCB1900 ETC-ECG014B-PCB1900 Datasheet
183Kb / 5P
0.2 Watt, High Linearity InGaP HBT Amplifier
ECG014B-PCB900 ETC-ECG014B-PCB900 Datasheet
183Kb / 5P
0.2 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - ECG014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECG014 ETC-ECG014 Datasheet
183Kb / 5P
0.2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
1 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH110 ETC-AH110 Datasheet
355Kb / 6P
0.2 Watt, High Linearity InGaP HBT Amplifier
ECG012 ETC-ECG012 Datasheet
298Kb / 5P
0.1 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH116 WJCI-AH116 Datasheet
361Kb / 4P
쩍 Watt, High Linearity InGaP HBT Amplifier
AH110 WJCI-AH110 Datasheet
321Kb / 5P
0.2 Watt, High Linearity InGaP HBT Amplifier
ECG015 WJCI-ECG015 Datasheet
207Kb / 5P
쩌 Watt, High Linearity InGaP HBT Amplifier
ECP052D WJCI-ECP052D_06 Datasheet
369Kb / 4P
쩍 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
Watt, High Linearity InGaP HBT Amplifier
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com