Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248-99 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9248-99
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9248-99 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9248-99 Datasheet HTML 1Page - Renesas Technology Corp ICS9248-99 Datasheet HTML 2Page - Renesas Technology Corp ICS9248-99 Datasheet HTML 3Page - Renesas Technology Corp ICS9248-99 Datasheet HTML 4Page - Renesas Technology Corp ICS9248-99 Datasheet HTML 5Page - Renesas Technology Corp ICS9248-99 Datasheet HTML 6Page - Renesas Technology Corp ICS9248-99 Datasheet HTML 7Page - Renesas Technology Corp ICS9248-99 Datasheet HTML 8Page - Renesas Technology Corp ICS9248-99 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ICS9248-99
General Description
Power Groups
The ICS9248-99 is the single chip clock solutionfor Desktop
designs using 810/ 810/E style chipset. It provides all
necessary clock signals for such a system.
Spreadspectrummay be enabled through 12C programming.
Spread spectrum typically reduces systemEMI by 8dB to
10dB. This simplifiesEMI qualification without resorting to
board design iterations or costly shielding. The ICS9248-
99
GNDREF, VDDREF = REF1, X1, X2
GNDPCI, VDDPCI = PCICLK [7:0]
GNDSDR, VDDSDR = SDR AM [8:0]
GNDCOR, VDDCOR = supply for PLL core
GND3V66, VDD3V66 = 3V66
VDD48 = 48MHz, 24 48MHz,
VDDLAPIC = IOAPIC
GNDLCPU, VDDLCPU = CPUCLK [1 :OJ
employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
Serial programming 12C interface allows changing functions,
stop clock programming and frequency selection.
Pin Configuration
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
REFI
OUT
14.318 MHz reference clock.
FS3
IN
Frequency select pin.
2,6,16, 24,27,34,
VDD
PWR
3.3V Power supply for SDRAM output buffers,PCI output buffers,
42
reference outout buffers and 48MHz outout
3
XI
IN
Crystal input,nominally 14.318MHz.
4
X2
OUT
Crystal output,nominally 14.318MHz.
5,9,13,20,26,30,
GND
PWR
Ground pin for 3V outputs.
38
8,7
3V66 [1:0]
OUT
3.3V clock outputs
10
FS0
IN
Frequency select pin.
PCICLK0
OUT
PCI clock outout.
11
FSI
IN
Frequency select pin.
PCICLKI
OUT
PCI clock output.
12
FS2
IN
Frequency select pin.
PCICLK2
OUT
PCI clock output.
19,18,17,15,14
PCICLK [7:3]
OUT
PCI clock outputs.
21,22
48MHz
OUT
48MHz output clocks
SEL24 48#
IN
Select pin for enabling 24MHz or 48MHz
23
H=24MHz L=48MHz
24 48MHz
OUT
Clock output for super 1/O/USB
25
SDATA
IN
Data input for l2C serial input,5V tolerant input
28
SCLK
IN
Clock input ofl2C input,5V tolerant input
Asynchronous active low input pin used to power down the device into a low
29
PD#
IN
power state. The internal clocks are disabled and the VCO and the crystal are
stopped. The latency ofthe power down will not be greater than 3ms.
31,32,33,35,36, SDRAM [8:0]
OUT
SDRAM clock outputs
37 39.40 41
43
GNDLCPU
PWR
Ground pin for the CPU clocks.
44,45
CPUCLK [1:0]
OUT
CPU clock outputs.
46
VDDLCPU
PWR
Power pin for the CPUCLKs. 2.5V
47
IOAPIC
OUT
2.5V clock output.
48
VDDLAPIC
PWR
Power oin for the IOAPIC. 2.5V
0314C-----09/18/03
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com