Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250-08 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9250-08
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-08 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9250-08 Datasheet HTML 1Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 2Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 3Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 4Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-08 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ICS9250-08
Integrated
Circuit
Systems, Inc.
0378J—05/17/05
Block Diagram
Frequency Generator & Integrated Buffers for Celeron & PII/III™
Functionality
Pin Configuration
Recommended Application:
BX, Appollo Pro 133 type of chip set.
Output Features:
•
3 - CPUs @2.5V, up to 150MHz.
•
17 - SDRAM @ 3.3V, up to 150MHz.
•
7 - PCI @3.3V
•
2 - IOAPIC @ 2.5V
•
1 - 48MHz, @3.3V fixed.
•
1 - 24MHz @ 3.3V
•
2 - REF @3.3V, 14.318MHz.
Features:
•
Up to 150MHz frequency support
•
Support power management: CPU, PCI, stop and
Power down Mode form I
2C programming.
•
Spread spectrum for EMI control (0 to -0.5%, ±
0.25%).
•
Uses external 14.318MHz crystal
Key Specifications:
•
CPU – CPU: <175ps
•
CPU – PCI: min = 1ns max = 4ns
•
PCI – PCI: <250ps
•
SDRAM - SDRAM: <500ps
56-Pin SSOP
* Internal Pull-up Resistor of 240K to 3.3V on indicated inputs
** Internal Pull-down resistor of 240K to GND on indicated inputs.
VDDREF
*
REF1
*PCI_STOP/REF0
GND
X1
X2
VDDPCI
*MODE/PCICLK_F
**FS3/PCICLK0
GND
VDDPCI
BUFFERIN
SDRAM11
SDRAM10
VDDSDR
SDRAM9
SDRAM8
GND
SDRAM15
SDRAM14
GND
SDATA
SCLK
PCICLK1
PCICLK2
PCICLK3
PCICLK4
PCICLK5
FS2/
VDDLIOAPIC
IOAPIC0
IOAPIC_F
GND
CPUCLK_F
CPUCLK1
VDDLCPU
CPUCLK2
GND
CPU_STOP#
SDRAM_F
VDDSDR
SDRAM0
SDRAM1
GND
SDRAM2
SDRAM3
SDRAM4
SDRAM5
VDDSDR
SDRAM6
SDRAM7
GND
SDRAM12
SDRAM13
VDD48
24MHz/FS0*
48MHz/FS1*
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
{
I C
2
3
S
F2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
)
z
H
M
(
K
L
C
I
C
P
1111
3
3
1)
4
/
U
P
C
(
3
.
3
3
111
0
4
2
1)
4
/
U
P
C
(
1
3
11
0
1
0
5
1)
4
/
U
P
C
(
5
.
7
3
11
00
0
4
1)
4
/
U
P
C
(
5
3
10
1
1
5
0
1)
3
/
U
P
C
(
5
3
10
10
0
1
1)
3
/
U
P
C
(
7
6
.
6
3
10
0
1
5
1
1)
3
/
U
P
C
(
3
3
.
8
3
1
000
0
2
1)
3
/
U
P
C
(
0
0
.
0
4
0
111
3
.
0
0
1)
3
/
U
P
C
(
3
4
.
3
3
01
1
0
3
3
1)
3
/
U
P
C
(
3
3
.
4
4
01
01
2
1
1)
3
/
U
P
C
(
3
3
.
7
3
01
0
0
3
0
1)
2
/
U
P
C
(
3
3
.
4
3
00
11
8
.
6
6)
2
/
U
P
C
(
0
4
.
3
3
00
1
0
3
.
3
8)
2
/
U
P
C
(
5
6
.
1
4
000
1
5
7)
2
/
U
P
C
(
5
.
7
3
0000
4
2
1)
2
/
U
P
C
(
3
3
.
1
4
CPU_STOP#
PCI_STOP#
PLL2
PLL1
Spread
Spectrum
48MHz
IOAPIC0
CPUCLK [2:1]
CPUCLK_F
IOAPIC_F
SDRAM [15:0]
SDRAM_F
PCICLK [5:0]
PCICLK_F
X1
X2
XTAL
OSC
PCI
CLOCK
DIVDER
STOP
STOP
÷2
STOP
STOP
POR
SDATA
SCLK
FS[3:0]
MODE
{
I C
2
Control
Logic
Config.
Reg.
REF [1:0]
24MHz
LATCH
1
2
2
16
6
6
4
BUFFERIN


Similar Part No. - ICS9250-08

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
More results

Similar Description - ICS9250-08

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
logo
Renesas Technology Corp
ICS9248-87 RENESAS-ICS9248-87 Datasheet
366Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
10/27/00
ICS9248-146 RENESAS-ICS9248-146 Datasheet
347Kb / 17P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9248-98 RENESAS-ICS9248-98 Datasheet
370Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9248-99 RENESAS-ICS9248-99 Datasheet
1Mb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-16 RENESAS-ICS9250-16 Datasheet
867Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-18 RENESAS-ICS9250-18 Datasheet
316Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
09/08/05
ICS9250-23 RENESAS-ICS9250-23 Datasheet
369Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-28 RENESAS-ICS9250-28 Datasheet
513Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS951703 RENESAS-ICS951703 Datasheet
476Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com