Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECP100D Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # ECP100D
Description  1 Watt, High Linearity InGaP HBT Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP100D Datasheet(HTML) 4 Page - WJ Communication. Inc.

  ECP100D Datasheet HTML 1Page - WJ Communication. Inc. ECP100D Datasheet HTML 2Page - WJ Communication. Inc. ECP100D Datasheet HTML 3Page - WJ Communication. Inc. ECP100D Datasheet HTML 4Page - WJ Communication. Inc. ECP100D Datasheet HTML 5Page - WJ Communication. Inc. ECP100D Datasheet HTML 6Page - WJ Communication. Inc. ECP100D Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 4 of 7
April 2006
ECP100D
1 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
1960 MHz Application Circuit (ECP100D-PCB1960)
Typical RF Performance at 25
qC
Frequency
1960 MHz
S21 – Gain
12 dB
S11 – Input Return Loss
-11 dB
S22 – Output Return Loss
-10 dB
Output P1dB
+32 dBm
Output IP3
(+17 dBm / tone, 1 MHz spacing)
+46 dBm
Channel Power
(@-45 dBc ACPR, IS-95 9 channels fwd)
+25.5 dBm
Noise Figure
5.5 dB
Device / Supply Voltage
+5 V
Quiescent Current (1)
450 mA
1. This corresponds to the quiescent current or operating current under
small-signal conditions into pins 6, 7, and 8.
CAP
ID=C1
C=56 pF
CAP
ID=C2
C=56 pF
CAP
ID=C3
C=56 pF
CAP
ID=C 4
C=10000000 pF
CAP
ID=C5
C=1000 pF
CAP
ID=C6
C=10 pF
CAP
ID=C 7
C=1000 pF
CAP
ID =C8
C=.8 pF
CAP
ID=C9
C=3.3 pF
TLINP
ID=FR4
Z0=50 Ohm
L=150 mil
Eeff=3.16
Loss=0
F0=0 MHz
TLINP
ID=FR1
Z0=50 Ohm
L=175 mil
Eef f=3.16
Loss=0
F0=0 MH z
RES
ID=R1
R=51 Ohm
RES
ID=R2
R=22 Ohm
I ND
I D=L1
L=18 nH
RES
ID=R 3
R=51 Ohm
TLINP
ID=FR2
Z0=50 Ohm
L=300 mil
Eef f=3.16
Loss=0
F0=0 MHz
CAP
ID =C10
C=.8
1
2
3
4
5
6
7
8
9
10
11
12
1 3
14
1 5
16
SUBC KT
I D=ECP100D
N ET="QFN"
PORT
P=1
Z=50 Ohm
PORT
P=2
Z=50 Ohm
"C" on the W J evaluation board as show n.
This component should be placed at silk screen marker
edge of the ECP100D pins t o the center of the component.
·The transmission line length are from the
evaluat ion board as shown.
silk screen markers "2" and "3" on the WJ
This component sh ould be placed between
+5 V
All passive components are of size 0603 unless otherwise noted.
size 1008
This component should be placed at
silk screen marker "9" on the WJ
evaluation board as show n.
+5.6 V zener
S21 vs. Frequency
8
10
12
14
16
18
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
+85°C
-40°C
S11 vs. Frequency
-25
-20
-15
-10
-5
0
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
+85°C
-40°C
S22 vs. Frequency
-25
-20
-15
-10
-5
0
1930
1940
1950
1960 1970 1980 1990
Frequency (MHz)
+25 °C
+85 °C
-40°C
Noise Figure vs. Frequency
0
1
2
3
4
5
6
7
8
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
+85°C
-40°C
P1 dB vs. Frequency
25
27
29
31
33
35
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
+85°C
-40°C
ACPR vs. Channel Power
IS-95, 9 Ch. Fwd. ±885 KHz offset, 30 KHz Meas BW, 1960 MHz
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
15 16 17 18 19 20 21 22 23 24 25 26 27
Output Channel Power (dBm)
+25°C
+85°C
-40°C
OIP3 vs. Frequency
+25°C, 15 dBm / tone
35
40
45
50
55
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
OIP3 vs. Temperature
freq. = 1960, 1961 MHz, +15 dBm
35
39
43
47
51
55
-40
-15
10
35
60
85
Temperature ( °C)
OIP3 vs. Output Power
freq. = 1960, 1961 MHz, +25°C
30
34
38
42
46
50
10
12
14
16
18
20
22
Output Power (dBm)
1
9
2
3
4
10
11
12
13
14
15
16
5
6
7
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com