Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH1 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # FH1
Description  High Dynamic Range FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FH1 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  FH1 Datasheet HTML 1Page - WJ Communication. Inc. FH1 Datasheet HTML 2Page - WJ Communication. Inc. FH1 Datasheet HTML 3Page - WJ Communication. Inc. FH1 Datasheet HTML 4Page - WJ Communication. Inc. FH1 Datasheet HTML 5Page - WJ Communication. Inc. FH1 Datasheet HTML 6Page - WJ Communication. Inc. FH1 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 2 of 7 July 2006
FH1
High Dynamic Range FET
Product Information
The Communications Edge TM
Typical Device Data
Data is shown at a biasing configuration of VDS = +5 V, IDS = 140 mA, 25 C for the unmatched device in a 50 ohm system)
0
1
2
3
Frequency (GHz)
Gain and Max. Stable Gain
12
14
16
18
20
22
24
DB(|S(2,1)|)
DB(GMax())
10.0
5.0
3.
0
4.
0
-0.
2
-0
.4
S11
Swp Max
6GHz
Swp Min
0.01GHz
10.0
5.0
3.
0
4.
0
-0.
2
-0
.4
S22
Swp Max
6GHz
Swp Min
0.01GHz
Notes:
The gain for the unmatched device in 50 ohm system is shown as the trace in blue color. For a tuned circuit for a particular frequency, it
is expected that actual gain will be higher, as high as the maximum stable gain. The maximum stable gain is shown in the red line. The
impedance plots are shown from 10 – 6000 MHz, with markers placed at 0.5 – 6.0 GHz in 0.5 GHz increments.
Output IP3 vs. Temperature
25
30
35
40
45
-40
-15
10
35
60
85
Temperature ( C)
5V 100% Idss
Output IP3 vs. Output Power
25
30
35
40
45
0
2
4
6
8
10
12
Output Power per tone (dBm)
5V 100% Idss
Noise Figure vs. Frequency
0
0.5
1
1.5
2
2.5
0.5
1
1.5
2
Frequency (GHz)
NF (unmatched device)
Minimum NF
S-Parameters (VD = +5 V, ID = 140 mA, VG = 0 V, 25 C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
0.00
-4.08
19.36
176.06
-51.05
87.96
-4.38
-3.34
250
-0.13
-19.64
19.19
164.65
-37.15
78.37
-4.52
-11.51
500
-0.34
-39.41
18.85
150.19
-31.34
66.75
-4.77
-22.43
750
-0.55
-58.33
18.47
136.21
-28.24
55.74
-5.19
-33.05
1000
-0.83
-75.93
17.95
123.24
-26.22
45.25
-5.77
-43.46
1250
-1.16
-93.29
17.47
110.92
-24.88
35.22
-6.44
-53.09
1500
-1.50
-110.36
16.82
99.18
-23.95
26.69
-7.14
-61.08
1750
-1.80
-125.64
16.21
88.19
-23.27
18.17
-7.94
-69.92
2000
-2.03
-140.92
15.65
77.53
-22.81
9.87
-8.84
-78.43
2250
-2.25
-155.64
15.05
67.15
-22.39
2.11
-9.57
-86.41
2500
-2.37
-169.80
14.42
57.62
-22.25
-4.68
-10.43
-93.92
2750
-2.55
177.26
13.74
48.11
-22.08
-11.35
-11.43
-101.88
3000
-2.62
165.93
13.18
39.86
-22.01
-17.16
-12.30
-108.95
Noise Parameters (VD = +5 V, ID = 140 mA, VG = 0 V, 25 C, calibrated to device leads)
Freq (MHz)
NF,min (dB)
MagOpt (mag)
AngOpt (deg)
Rn
700
0.51
0.574
32.8
0.403
800
0.77
0.535
37.4
0.409
900
0.66
0.508
44.1
0.379
1000
0.74
0.488
50.4
0.365
1100
0.85
0.463
56.4
0.357
1200
0.85
0.458
62.0
0.345
1300
0.95
0.446
67.3
0.335
1400
1.07
0.450
73.3
0.323
Device S-parameters and noise are available for download off of the website at: http://www.wj.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com