Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR7050 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # MPR7050
Description  Multi-Protocol RFID Reader Module Gen1, ISO 18000-6C (Gen2) in PCMCIA Type II Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

MPR7050 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  MPR7050 Datasheet HTML 1Page - WJ Communication. Inc. MPR7050 Datasheet HTML 2Page - WJ Communication. Inc. MPR7050 Datasheet HTML 3Page - WJ Communication. Inc. MPR7050 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WJ Communications
401 River Oaks Parkway, San Jose, CA 95134
WWW.WJ.COM
Copyright WJ Communications June 2006. Subject to change without notice.
All trademarks, trade names, service marks, and logos remain the property of the rightful owners
Parameter
Rating
Units
ESD Protection (per ISO 7816-1)
2
KV
Maximum Operating Voltage
6
V
Operating Case Temperature
-20 to +55
°C
Storage Temperature
-40 to +65
°C
Absolute Maximum Rating*
*Operation of this device above any of these parameters may cause permanent damage.
Specifications
Symbol
Parameter
Min
fRFID
RF Frequency—UHF Operation
920
fCH
Channel Spacing
CH
Frequency Hopping Channels (See Hop Frequency
Channels Table below)
IPEAK OP
Peak Operating Current
Units
MHz
kHz
Channels
A
Ma
x
925
1.3
Typ
500
8
1.1
VCC
Supply Voltage @ 1.3A, Connected to System*
4.900
5.00
5.5
V
PTX-Max
Maximum Transmit Power
+29.6
+30
dBm
PRANGE
Power Control Range
12
dB
Step Size
1
dB
TOPERATING
Operating Temperature Range
-20
+50
°C
Sf
Frequency Stability
±10
ppm
Operating Conditions: Vcc = 5.00 VDC, TAMB = 25°C, 50 Ω System.
*Measured at connector for 1.3A load.
MPR7050 - Hong Kong
Multi-Protocol RFID Reader Module
Gen1, ISO 18000-6C (Gen2) in PCMCIA Type II Package



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com