Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG015B Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # SCG015B
Description  1/4 Watt, High Linearity InGaP HBT Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

SCG015B Datasheet(HTML) 1 Page - WJ Communication. Inc.

  SCG015B Datasheet HTML 1Page - WJ Communication. Inc. SCG015B Datasheet HTML 2Page - WJ Communication. Inc. SCG015B Datasheet HTML 3Page - WJ Communication. Inc. SCG015B Datasheet HTML 4Page - WJ Communication. Inc. SCG015B Datasheet HTML 5Page - WJ Communication. Inc. SCG015B Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 6
June 2005 Rev. 1
SCG015
¼ Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge
TM
Product Features
• 1800 – 2500 MHz
• +24 dBm P1dB
• +40 dBm OIP3
• 15 dB Gain
• 5 dB Noise Figure
• Single Positive Supply (+8V)
• Available in a lead-free / green
SOT-89 Package Style
Applications
• Mobile Infrastructure
• W-LAN / ISM
• RFID
• Defense / Homeland Security
• Fixed Wireless
Product Description
The SCG015 is a high dynamic range driver amplifier in a
low-cost surface mount package. The InGaP/GaAs HBT is
able to achieve performance over a broad range with +41
dBm OIP3 and +24 dBm of compressed 1dB power and is
housed in a lead-free/green/RoHS-compliant SOT-89 SMT
package. All devices are 100% RF and DC tested.
The product is targeted for use as a gain block/driver
amplifier for various current and next generation wireless
technologies such as CDMA, CDMA2000, and W-CDMA,
where high linearity and medium power is required.
In
addition, the SCG015 will work for numerous other
applications within the 1800 to 2500 MHz frequency range.
Functional Diagram
RF IN
GND
RF OUT
GND
1
23
4
Pin No.
Function
1
Input
3
Output/Bias
2, 4
Ground
Specifications
(1)
Parameter
Units
Min
Typ
Max
Operational Bandwidth
MHz
1800
2500
Test Frequency
MHz
2140
Gain
dB
13.5
15
Input Return Loss
dB
16
20
Output Return Loss
dB
10
Output P1dB
dBm
+23
+24
Output IP3
(2)
dBm
+37.5
+40
Noise Figure
dB
5
Device Voltage
V
5
Device Current
mA
85
100
135
1. Test conditions unless otherwise noted: 25
°C, Vsupply = +8 V, in tuned application circuit with
Rbias = 30
Ω.
2. 3OIP measured with two tones at an output power of +9 dBm/tone separated by 1 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
Device Current
180 mA
RF Input Power (continuous)
+15 dBm
Junction Temperature
+250
°C
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance
(1)
Parameter
Units
Typical
Frequency
MHz
1900
2140
2450
S21
dB
16.5
15
14.5
S11
dB
-16
-20
-12
S22
dB
-11
-10
-9
Output P1dB
dBm
+24
+24
+23
Output IP3
(2)
dBm
+40
+40
+40
Noise Figure
dB
5
5
5
Ordering Information
Part No.
Description
SCG015B*
0.2 Watt, High Linearity InGaP HBT Amplifier
(lead-tin SOT-89 Pkg)
SCG015B-G
0.2 Watt, High Linearity InGaP HBT Amplifier
(lead-free/green/RoHS-compliant SOT-89 Pkg)
SCG015B-PCB1960 1960 MHz Fully Assembled Eval. Board
SCG015B-PCB2140 2140 MHz Fully Assembled Eval. Board
*
This package is being phased out in favor of the green package type which is backwards compatible for
existing designs. Refer to Product Change Notification WJPCN06MAY05TC1 on the WJ website.


Similar Part No. - SCG015B

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
SCG015B-G WJCI-SCG015B-G Datasheet
203Kb / 5P
쩌 Watt, High Linearity InGaP HBT Amplifier
SCG015B-PCB1960 WJCI-SCG015B-PCB1960 Datasheet
203Kb / 5P
쩌 Watt, High Linearity InGaP HBT Amplifier
SCG015B-PCB2140 WJCI-SCG015B-PCB2140 Datasheet
203Kb / 5P
쩌 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - SCG015B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECG015 ETC-ECG015 Datasheet
198Kb / 5P
1/4 Watt, High Linearity InGaP HBT Amplifier
AH118 ETC-AH118 Datasheet
176Kb / 6P
1/4 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
1 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH115 ETC-AH115 Datasheet
577Kb / 7P
1/2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH116-RFID WJCI-AH116-RFID Datasheet
709Kb / 6P
1/2 Watt, High Linearity InGaP HBT Amplifier
ECP050D WJCI-ECP050D Datasheet
489Kb / 5P
1/2 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
1 Watt, High Linearity InGaP HBT Amplifier
AH215 WJCI-AH215 Datasheet
330Kb / 7P
1 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
Watt, High Linearity InGaP HBT Amplifier
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com