Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH215-RFID Datasheet(PDF) 6 Page - WJ Communication. Inc.

Part # AH215-RFID
Description  1 Watt, High Gain HBT Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH215-RFID Datasheet(HTML) 6 Page - WJ Communication. Inc.

  AH215-RFID Datasheet HTML 1Page - WJ Communication. Inc. AH215-RFID Datasheet HTML 2Page - WJ Communication. Inc. AH215-RFID Datasheet HTML 3Page - WJ Communication. Inc. AH215-RFID Datasheet HTML 4Page - WJ Communication. Inc. AH215-RFID Datasheet HTML 5Page - WJ Communication. Inc. AH215-RFID Datasheet HTML 6Page - WJ Communication. Inc. AH215-RFID Datasheet HTML 7Page - WJ Communication. Inc. AH215-RFID Datasheet HTML 8Page - WJ Communication. Inc. AH215-RFID Datasheet HTML 9Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 6 of 9 June 2005
AH215 / ECP100G
1 Watt, High Gain HBT Amplifier
Product Information
Application Note: Reduced Bias Configurations
The AH215 / ECP100 can be configured to be operated with lower bias current by varying the bias-adjust resistor – R1. The
recommended circuit configurations shown previously in this datasheet have the device operating in Class A operation.
Lowering the current has little effect on the gain, OIP3, and P1dB performance of the device, but will slightly lower the
ACLR/ACPR performance of the device as shown below. An example of the measured data below represents the AH215 /
ECP100 measured and configured for 2.14 GHz applications. It is expected that variation of the bias current for other
frequency applications will produce similar performance results.
AH215-PCB2140 Performance Data
R1
(ohms)
Icq
(mA)
Pdiss
(W)
P1dB
(dBm)
OIP3
(dBm)
51
450
2.25
+31.0
+47.1
68
400
2.00
+30.9
+46.4
100
350
1.75
+30.8
+46.4
130
300
1.50
+30.6
+45.5
180
250
1.25
+30.5
+43.6
2.14GHz Gain vs. Output Power
8.5
9
9.5
10
10.5
11
11.5
16
18
20
22
24
26
28
30
32
Output Power (dBm)
Idq=450mA 'Class A'
Idq=400mA
Idq=350mA
Idq=300mA
Idq=250mA
2.14GHz OIP3 vs. Output Power per Tone
30
35
40
45
50
10
12
14
16
18
20
22
24
Power Out per Tone (dBm)
Idq=450mA 'Class A'
Idq=400mA
Idq=350mA
Idq=300mA
Idq=250mA
W-CDMA ACLR vs. Output Channel Power
3GPP W-CDMA, Test Model 1 + 64 DPCH, ±5 MHz offset
-65
-60
-55
-50
-45
-40
-35
12
14
16
18
20
22
24
W-CDMA Channel Power Out (dBm)
Idq=450mA 'Class A'
Idq=400mA
Idq=350mA
Idq=300mA
Idq=250mA
CW PAE vs. Output Power
1
10
100
16
18
20
22
24
26
28
30
32
CW Tone Power Out (dBm)
Idq=450mA 'Class A'
Idq=400mA
Idq=350mA
Idq=300mA
Idq=250mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com