Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUTX09000000 Datasheet(PDF) 5 Page - TELTONIKA NETWORKS.

Part # RUTX09000000
Description  RUTX09
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELTONIKA [TELTONIKA NETWORKS.]
Direct Link  https://teltonika-networks.com/
Logo TELTONIKA - TELTONIKA NETWORKS.

RUTX09000000 Datasheet(HTML) 5 Page - TELTONIKA NETWORKS.

  RUTX09000000 Datasheet HTML 1Page - TELTONIKA NETWORKS. RUTX09000000 Datasheet HTML 2Page - TELTONIKA NETWORKS. RUTX09000000 Datasheet HTML 3Page - TELTONIKA NETWORKS. RUTX09000000 Datasheet HTML 4Page - TELTONIKA NETWORKS. RUTX09000000 Datasheet HTML 5Page - TELTONIKA NETWORKS. RUTX09000000 Datasheet HTML 6Page - TELTONIKA NETWORKS. RUTX09000000 Datasheet HTML 7Page - TELTONIKA NETWORKS. RUTX09000000 Datasheet HTML 8Page - TELTONIKA NETWORKS. RUTX09000000 Datasheet HTML 9Page - TELTONIKA NETWORKS. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FIRMWARE CUSTOMIZATION
RutOS (OpenWrt based Linux OS)
Operating system
Busybox shell, Lua, C, C++
SDK package with build environment provided
Supported languages
Development tools
5
USB
LOCATION TRACKING
FIRMWARE / CONFIGURATION
PHYSICAL INTERFACES (PORTS, LEDS, ANTENNAS, BUTTONS, SIM)
USB 2.0
Samba share, USB-to-serial
Data rate
Applications
GPS, GLONASS, BeiDou, Galileo and QZSS
GNSS
GNSS coordinates via WebUI, SMS, TAVL, RMS
NMEA 0183
Coordinates
NMEA
Supported server software: TAVL, RMS
Server software
Update FW from file, check FW on server, configuration profiles, configuration backup
WEB UI
Update FW/configuration from server
Update FW/configuration for multiple devices at once
FOTA
RMS
Update FW without losing current configuration
Keep settings
Configurable multiple geofence zones
Geofencing
4 x RJ45 ports, 10/100/1000 Mbps
Ethernet
1 x Digital Input, 1 x Digital Output on 4 pin power connector
3 x WAN type, 2 x Mobile connection type, 5 x Mobile connection strength, 8 x LAN status, 3 x WAN status, 1x Power
I/Os
Status LEDs
2 x SIM slots (Mini SIM - 2FF), 1.8 V/3 V, external SIM holders
SIM
1 x 4 pin DC connector
2 x SMA for LTE, 1 x SMA for GNNS
Power
Antennas
1 x USB A port for external devices
USB
Reboot/User default reset/Factory reset button
Reset
Possibility to connect external HDD, flash drive, additional modem, printer
FAT, FAT32, NTFS
External devices
INPUT/OUTPUT
1 x Digital Input, 0 - 6 V detected as logic low, 8 - 30 V detected as logic high
1 x Digital Output, Open collector output, max output 30 V, 300 mA
Input
Output
SMS, Email, RMS
Events
Storage formats
POWER
4 pin industrial DC power socket
9 – 50 VDC, reverse polarity protection, voltage surge/transient protection
Connector
Input voltage range
Passive PoE. Possibility to power up through LAN port, not compatible with IEEE 802.3af, 802.3at and 802.3bt standards
9 W Max
PoE (passive)
Power consumption
1 x Grounding screw
Other
DATASHEET // RUTX09
Allows to set certain I/O conditions to initiate event
I/O juggler
Copyright © 2022, TELTONIKA NETWORKS. Specifications and information given in this document are subject to change by TELTONIKA NETWORKS without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com