Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5521 Datasheet(PDF) 6 Page - Linear Technology

Part # LT5521
Description  Very High Linearity Active Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5521 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5521 Datasheet HTML 2Page - Linear Technology LT5521 Datasheet HTML 3Page - Linear Technology LT5521 Datasheet HTML 4Page - Linear Technology LT5521 Datasheet HTML 5Page - Linear Technology LT5521 Datasheet HTML 6Page - Linear Technology LT5521 Datasheet HTML 7Page - Linear Technology LT5521 Datasheet HTML 8Page - Linear Technology LT5521 Datasheet HTML 9Page - Linear Technology LT5521 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT5521
5521f
TYPICAL AC PERFOR A CE CHARACTERISTICS f
LO = 1001MHz, fIF = 44MHz, fRF = 1045MHz,
PLO = –5dBm, VCC = 5V, EN = 2.9V, TA = 25°C, unless otherwise noted. Test circuit shown in Figure 1 is tuned for 1.045GHz output
frequency.
Fundamental, 2nd and 3rd Order
Intermodulation Distortion
vs Input Power
Conversion Gain vs Input Power
Conversion Gain and IIP3
vs RF Frequency, Fixed IF
INPUT POWER (dBm)
–14
–120
–100
–60
–40
–20
20
–12
–4
0
5521 G15
–80
0
–6
4
6
–10 –8
–2
2
85
°C
25
°C
–40
°C
PFUND
IM3
IM3
IM2
IM2
PIN (dBm)
–25
–0.5
0
0.5
5
5521 G16
–1.0
–1.5
–15
–5
–20
10
–10
0
15
–2.0
–2.5
1.0
–40
°C
25
°C
85
°C
RFOUT (MHz)
920
6
8
10
1120
5521 G17
4
2
GC
IIP3
970
1020
1070
1170
0
–2
–4
23
24
25
22
21
20
19
18
85
°C
25
°C
–40
°C
LO-RF Leakage vs LO Frequency
Conversion Gain, IIP3 and Noise
Figure vs Supply Voltage
Conversion Gain and IIP3
vs LO Power
LO FREQUENCY (MHz)
850
–42
–40
–38
–36
900
950
1000
1050
5521 G18
1100
–34
–32
–41
–39
–37
–35
–33
1150
–40
°C
25
°C
85
°C
VCC (V)
4.6
–2
0
2
4
6
4.8
5.0
5.2
5.4
5521 G19
8
10
2
6
10
14
18
22
IIP3
26
4.7
4.9
5.1
5.3
85
°C
25
°C
–40
°C
NF
GC
LO POWER (dBm)
–25
4
6
10
–10
0
5521 G20
2
0
–20
–15
–5
GC
IIP3
510
–2
–4
8
22
23
25
21
20
19
18
24
85
°C
25
°C
–40
°C
LO-RF Leakage vs LO Power
LO POWER (dBm)
–25
–34
–32
–30
–10
0
5521 G21
–36
–38
–20
–15
–5
5
10
–40
–42
–40
°C
25
°C
85
°C
LO-RF Leakage vs Supply Voltage
VCC (V)
4.6
–36
–34
–32
5.2
5521 G22
–38
–40
4.8
5.0
4.7
5.3
4.9
5.1
5.4
–42
–44
–30
–40
°C
25
°C
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com