Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTCS2000 Datasheet(PDF) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # RTCS2000
Description  Precision DC Ammeter Shunt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

RTCS2000 Datasheet(HTML) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  RTCS2000 Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD RTCS2000 Datasheet HTML 2Page - C&B ELECTRONICS (SHENZHEN) CO., LTD RTCS2000 Datasheet HTML 3Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
No.: E18018Version: V3
Date: 2022/12/26
C&B Electronics Shenzhen Co.,Ltd|
| resi@cbeureka.com | Tel:0755-83981080/83981010
www.resistor.today
No.: E18023Version: V3
Date: 2022/12/26
Precision Shunt, Rated Current 2000A, Standard Tolerance 0.1%
Low Thermal EMF, TCR
±20ppm/℃
Shunt works at very high current, so the temperature of surface rises sharply which will
cause the change of resistance. For precision measurement, we must choose shunts
which are with low TCR, low PCR and low Thermal EMF.
Resi launched the precision shunt series which can reach 0.1% 10% to 100% of rated
current. The maximum TCR is
±20ppm/℃ in the range of -20℃ to +120℃. Besides, the
shunt has extreme stability with low PCR and low Thermal EMF.
Measured at the center of metal strip
Measured at the center of metal strip
Measured at the center of metal strip
When reach heat balance, disconnect the circuit and test EMF
Measured temperature range of -25
℃ to +120℃, +25℃ Ref.
10%-100% Rated Current Test
2.25 rated voltage for 5 seconds
1.2 rated voltage for 2 hours, +25°C
Optimum Surface Temperature
Operating Temperature Range
Maximum Surface Temperature
Thermal EMF
TCR
Current Coefficient
Short Time Overload
Long Time Overload
Thermal Equilibrium Time
Performance
Test
Test Method
Standard
+30℃~+90
℃
- 40℃~+140
℃
+140
℃
<0.05 μV/℃
≤±20ppm/℃
≤±5ppm/A
△R≤±0.1%
<5min
△R≤±0.05%
‘
Measured at the center of metal strip when resistance won t change
Dimensions(mm)
±20ppm/℃
RTCS2000B050Z00
±0.1%
50mV
2000A
2400A
5190±50g
Model
TCR
Tolerance
Resistance
Rated Current
Output Voltage
Max. Current
Weight
25μΩ
T
C
S
2
0
0
0
Example
Identification Code
:RTCS2000B050Z00 ( RTCS 2000A ±0.1% 50mV
)
B
0
5
0
Z
0
0
R
B=±0.1%
2000=2000A
RTCS
050=50mV
Output Volatge
Identification Code
Tolerance
Rated Current
Series
*60mV, 100mV can be customized.
Part Number Information
50.0±0.5
95.0±1
244.0±1
99.5±0.5
57.4±0.5
M3 2X.
14.0±0.2 4X.
50.0±0.5
230101001
Precision DC Ammeter Shunt
RTCS2000


Similar Part No. - RTCS2000

ManufacturerPart #DatasheetDescription
logo
C&B ELECTRONICS (SHENZH...
RTCS20K0 RESI-RTCS20K0 Datasheet
640Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS20K0B050Z00 RESI-RTCS20K0B050Z00 Datasheet
640Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
More results

Similar Description - RTCS2000

ManufacturerPart #DatasheetDescription
logo
C&B ELECTRONICS (SHENZH...
RTBS0050 RESI-RTBS0050 Datasheet
864Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTBS0100 RESI-RTBS0100 Datasheet
883Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS0050 RESI-RTCS0050 Datasheet
939Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS0200 RESI-RTCS0200 Datasheet
942Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS0300 RESI-RTCS0300 Datasheet
945Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS0500 RESI-RTCS0500 Datasheet
936Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS1000 RESI-RTCS1000 Datasheet
862Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS10K0 RESI-RTCS10K0 Datasheet
643Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS16K0 RESI-RTCS16K0 Datasheet
688Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS20K0 RESI-RTCS20K0 Datasheet
640Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com