Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THAT140 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # THAT140
Description  Quad Low-Noise NPN / PNP Transistor Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THAT140 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  THAT140 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT140 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT140 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT140 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
THAT140 Transistor Array
THAT Corporation; 45 Sumner St., Milford, Massachusetts; 01757-1656; USA
Tel: +1 (508) 478-9200; Fax: +1 (508) 478-0990; Web: www.thatcorp.com
Electrical Characteristics2
Parameter
Symbol
Conditions
Min
Typ
Max
Units
NPN Current Gain
hfe
VCB =10V
IC =1mA
60
100
¾
IC =10 mA
60
100
¾
NPN Current Gain Matching
Dhfe
VCB =10V,IC =1mA
5
%
NPN Noise Voltage Density
eN
VCB =10V,IC = 1 mA, 1 kHz
0.8
nV / Hz
NPN Gain-Bandwidth Product
ft
IC = 1 mA, VCB = 10 V
350
MHz
NPN DVBE (VBE1-VBE2)VOS
IC =1mA
±0.5
±3mV
IC =10 mA—
±0.5
±3mV
NPN DIB (IB1-IB2)IOS
IC =1mA
±500
±1500
nA
IC =10 mA—
±5
±15
nA
NPN Collector-Base
Leakage Current
ICBO
VCB =25V
25
pA
NPN Bulk Resistance
rBE
VCB =0V,10mA<IC < 10mA
2
W
NPN Base Spreading Resistance
rbb
VCB =10V,IC = 1mA
—30—
W
NPN Collector Saturation Voltage VCE(SAT)
IC = 1 mA, IB = 100 mA
0.05
V
NPN Output Capacitance
COB VCB =10V,IE = 0 mA, 100 kHz
3
pF
NPN Collector-Collector
Capacitance (Q1-Q2)CCC
VCC = 0 V, 100 kHz
0.7
pF
PNP Current Gain
hfe
VCB =10V
IC =1mA
50
75
¾
IC =10 mA50
75
¾
PNP Current Gain Matching
Dhfe
VCB =10V,IC =1mA
5
%
PNP Noise Voltage Density
eN
VCB =10V,IC = 1 mA, 1 kHz
0.75
nV / Hz
PNP Gain-Bandwidth Product
ft
IC = 1 mA, VCB = 10 V
325
MHz
PNP DVBE (VBE3-VBE4)VOS
IC =1mA
±0.5
±3mV
IC =10 mA—
±0.5
±3mV
PNP DIB (IB3-IB4)IOS
IC =1mA
±700
±1800
nA
IC =10 mA—
±7
±18
nA
PNP Collector-Base
Leakage Current
ICBO
VCB =25V
-25
pA
PNP Bulk Resistance
rBE
VCB =0V,10mA<IC < 10mA
2
W
PNP Base Spreading Resistance
rbb
VCB =10V,IC = 1mA
—25—
W
PNP Collector Saturation Voltage VCE(SAT)
IC = 1 mA, IB = 100 mA
-0.05
V
PNP Output Capacitance
COB VCB =10V,IE = 0 mA, 100 kHz
3
pF
PNP Collector-Collector
Capacitance (Q3-Q4)CCC
VCC = 0 V, 100 kHz
0.6
pF
1. All specifications subject to change without notice.
2. Unless otherwise noted, TA=25°C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com