Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT75 Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # HT75
Description  LDO high voltage regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

HT75 Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  HT75 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. HT75 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Semiconductor Co.,
Ltd
7533
(T
OPT=
25℃)
Symbol
parameter
Test conditions
minimum
value
Typical
value
Maximum
Company
V
OUT
output voltage
V
IN
=5.5V,I
OUT
=10mA
3.201
3.3
3.399
V
I
OUT
Output current
V
IN
=5.5V
60
100
-
mA
△V
OUT
Load regulation
V
IN
=5.5V,1mA≤I
OUT
≤30mA
-
100
150
mV
V
DIF
Drop voltage
I
OUT
=1mA
-
100
-
mV
I
SS
Quiescent current
Vin = 5.5V, no load
-
2
3
µA
ΔV
OUT
/(ΔV
IN
* V
OUT
)
Line Regulation
4.5V≤V
IN
≤30V,I
OUT
=1mA
-
0.2
-
%/V
V
IN
input voltage
-
-
-
30
V
ΔV
OUT
/ΔTa
temperature
coefficient
V
IN
=5.5V,I
OUT
=10mA,
0℃≤Ta≤70℃
-
+0.5
-
mV/℃
7536
(T
OPT=
25℃)
Symbol
parameter
Test conditions
minimum
value
Typical
value
Maximum
Company
V
OUT
output voltage
V
IN
=5.6V,I
OUT
=10mA
3.492
3.6
3.708
V
I
OUT
Output current
V
IN
=5.6V
60
100
-
mA
△V
OUT
Load regulation
V
IN
=5.6V,1mA≤I
OUT
≤30mA
-
100
150
mV
V
DIF
Drop voltage
I
OUT
=1mA
-
100
-
mV
I
SS
Quiescent current
Vin = 5.6v, no load
-
2
3
µA
ΔV
OUT
/(ΔV
IN
* V
OUT
)
Line Regulation
4.6V≤V
IN
≤30V,I
OUT
=1mA
-
0.2
-
%/V
V
IN
input voltage
-
-
-
30
V
ΔV
OUT
/ΔTa
temperature
coefficient
V
IN
=5.6V,I
OUT
=10mA,
0℃≤Ta≤70℃
-
+0.6
-
mV/℃
7544
(T
OPT=
25℃)
Symbol
parameter
Test conditions
minimum
value
Typical
value
Maximum
Company
V
OUT
output voltage
V
IN
=6.4V,I
OUT
=10mA
4.268
4.4
4.532
V
I
OUT
Output current
V
IN
=6.4V
60
100
-
mA
△V
OUT
Load regulation
V
IN
=6.4V,1mA≤I
OUT
≤30mA
-
100
150
mV
V
DIF
Drop voltage
I
OUT
=1mA
-
100
-
mV
I
SS
Quiescent current
Vin = 6.4v, no load
-
2
3
µA
ΔV
OUT
/(ΔV
IN
* V
OUT
)
Line Regulation
5.4V≤V
IN
≤30V,I
OUT
=1mA
-
0.2
-
%/V
V
IN
input voltage
-
-
-
30
V
ΔV
OUT
/ΔTa
temperature
coefficient
V
IN
=6.4V,I
OUT
=10mA,
0℃≤Ta≤70℃
-
+0.7
-
mV/℃
UMW
R
www.umw-ic.com
3
UTD Semiconductor Co.,Limited
UMW HT75XX
LDO High voltage regulator



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com