Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1M-183.3S/SMD Datasheet(PDF) 5 Page - Recom International Power

Part # R1M-183.3S/SMD
Description  1 Watt SMD Single & Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1M-183.3S/SMD Datasheet(HTML) 5 Page - Recom International Power

  R1M-183.3S/SMD Datasheet HTML 1Page - Recom International Power R1M-183.3S/SMD Datasheet HTML 2Page - Recom International Power R1M-183.3S/SMD Datasheet HTML 3Page - Recom International Power R1M-183.3S/SMD Datasheet HTML 4Page - Recom International Power R1M-183.3S/SMD Datasheet HTML 5Page - Recom International Power R1M-183.3S/SMD Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.recom-power.com
REV.: 0/2023
ECO-5
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
R1M
Series
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
File Number
Standard
RoHS2
RoHS-2011/65/EU + AM-2015/863
EMC Compliance
Condition
Standard / Criterion
Electromagnetic compatibility of multimedia equipment – Emission Requirements
with external filter
refer to
“EMC Filtering”
EN55032, Class A and B
Suggestions according to EN55032
EMC Filtering
-Vout
+Vout
-Vin
+Vin
L
1
C
1
C
3
C
2
+V
out
+V
in
-V
out
-V
in
Class A Component List
Model
C1
C2
C3
L1
R1M-12xxS
10µF
N/A
N/A
4.7µH
R1M-24xxS
4.7µF
N/A
N/A
22µH
R1M-48xxS
2.2µF
N/A
150pF
39µH
Class B Component List
Model
C1, C2
C3
L1
R1M-12xxS
10µF
100pF
4.7µH
R1M-24xxS
4.7µF
150pF
22µH
R1M-48xxS
2.2µF
150pF
39µH
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
baseplate/case
black plastic, (UL94 V-0)
potting
silicone (UL94 V-0)
Dimension (LxWxH)
14.2 x 9.1 x 10.2mm
Weight
2.7g typ.
Dimension Drawing (mm)
13.2
16.2 min.
5.70
tc
seating plane
0 ~5°
3.8
4.7
14.2
0.60±0.1
1
1
5
5
6
6
7
7
2
2
4
4
Recommended Footprint Details
tc point
Pinning Information
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
4
CTRL
CTRL
5
NC
-Vout
6
-Vout
COM
7
+Vout
+Vout
NC= no connection
Tolerance:
xx.x
xx.xx
=
=
±0.5mm
±0.25mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com