Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-1502M12 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF06-1502M12
Description  6 line low capacitance EMI filter and ESD protection in Micro QFN package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-1502M12 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF06-1502M12 Datasheet HTML 1Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 2Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 3Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 4Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 5Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 6Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 7Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 8Page - STMicroelectronics EMIF06-1502M12 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EMIF06-1502M12
Ordering information scheme
3/9
2
Ordering information scheme
Figure 3.
ESD response to IEC 61000-4-2
(+15 kV air discharge) on one input
(Vin) and on one output (Vout)
Figure 4.
ESD response to IEC 61000-4-2
(- 15 kV air discharge) on one input
(Vin) and on one output (Vout)
Figure 5.
Line capacitance versus reverse
voltage applied (typical value)
C1 = 10 V/d
Vin
C2 = 5 V/d
Vout
100 ns/d
C1 = 10 V/d
C2 = 5 V/d
100 ns/d
Vin
Vout
0
2
4
6
8
10
12
14
16
18
20
22
24
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
CLINE(pF)
VLINE(V)
EMIF
yy
-
xxx z
Mx
EMI Filter
Number of lines
Information
Package
x = resistance value (Ohms)
z = capacitance value / 10(pF)
Mx = Micro QFN x leads



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com