Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN2413 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN2413
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2413 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN2413 Datasheet HTML 1Page - Toshiba Semiconductor RN2413 Datasheet HTML 2Page - Toshiba Semiconductor RN2413 Datasheet HTML 3Page - Toshiba Semiconductor RN2413 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RN2412,RN2413
2001-02-08 2/4
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
―
VCB = −50V, IE = 0
―
―
−100
nA
Emitter cut-off current
IEBO
―
VEB = −5V, IC = 0
―
―
−100
nA
DC current gain
hFE
―
VCE = −5V, IC = −1mA
120
―
400
―
Collector-emitter saturation voltage
VCE (sat)
―
IC = −5mA, IB = −0.25mA
―
−0.1
−0.3
V
Translation frequency
fT
―
VCE = −10V, IC = −5mA
―
250
―
MHz
Collector output capacitance
Cob
―
VCB = −10V, IE = 0, f = 1MHz
―
3
6
pF
RN2412
15.4
22
28.6
Input resistor
RN2413
R1
―
―
32.9
47
61.1
kΩ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com